Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R521-M101 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # V23832-R521-M101
Description  PAROLI 2 Tx AC, 1.6 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R521-M101 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button V23832-R521-M101 Datasheet HTML 17Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 18Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 19Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 20Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 21Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 22Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 23Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 24Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
V23832-T2131-M101
V23832-R121-M101
Technical Data
Data Sheet
21
2003-11-19
Receiver Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Supply Current
1)
I
CC
280
340
mA
Power Consumption
1)
P
0.9
1.2
W
LVDS Output Low Voltage
2), 3)
V
LVDSOL
925
mV
LVDS Output High Voltage
2), 3)
V
LVDSOH
1475
mV
LVDS Output Differential
Voltage
2), 3), 4), 5)
|V
OD|
250
400
mV
LVDS Output Offset Voltage
2), 3), 6)
V
OS
1125
1275
mV
LVDS Rise/Fall Time
7)
t
R-LVDS,
t
F-LVDS
230
ps
LVCMOS Output Voltage Low
V
LVCMOSOL
400
mV
LVCMOS Output Voltage High
V
LVCMOSOH
2500
mV
LVCMOS Input Current
High/Low
I
LVCMOSI
–100
100
µA
LVCMOS Output Current High
8)
I
LVCMOSOH
0.5
mA
LVCMOS Output Current Low
9)
I
LVCMOSOL
4.0
mA
Total Jitter
10), 11), 12), 13), 14)
TJ
0.33
UI
Deterministic Jitter
10), 13), 15)
DJ
0.12
UI
Channel-to-channel skew
16)
t
CSK
100
ps
1)
Typical value is measured at
T
case = 45°C and 3.3 V, maximum value is measured at Tcase = 80°C and 3.6 V.
2)
Output level diagram: see Figure 8 on Page 16.
3)
LVDS output must be terminated differentially with R
t.
4)
|V
OD| = |(output voltage of non-inverted output minus output voltage of inverted output)|.
5)
Unused channels must be terminated by 50
Ω.
6)
V
OS = 1/2 (output voltage of inverted output + output voltage of non-inverted output).
7)
Measured between 20% and 80% level with a maximum capacitive load of 3 pF.
8)
Source current.
9)
Sink current.
10)
With no optical input jitter.
11)
Measured with an optical input power of 3 dB above minimum receiver sensitivity.
12)
Unused channels can be terminated by 50
Ω or left open.
13)
UI (Unit Interval) is equal to the length of one bit. For example, 2.72 Gbit/s corresponds to 368 ps.
14)
The Total Jitter (TJ) is the sum from Random Jitter (RJ) and Deterministic Jitter (DJ) according to:
TJ = RJ (14 Sigma value) + DJ.
The TJ is specified at a BER of 10
–12 from TP3 to TP4 according to IEEE 802.3, sec. 38.5.
The RJ is measured at the 50% level of the optical signal as the mean of the rising and falling edge RJ
measurement value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com