Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R521-M101 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # V23832-R521-M101
Description  PAROLI 2 Tx AC, 1.6 Gbit/s
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R521-M101 Datasheet(HTML) 2 Page - Infineon Technologies AG

  V23832-R521-M101 Datasheet HTML 1Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 2Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 3Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 4Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 5Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 6Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 7Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 8Page - Infineon Technologies AG V23832-R521-M101 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
V23832-T2131-M101
V23832-R121-M101
Applications
Data Sheet
2
2003-11-19
Optical Port
• Designed for the industry standard 12 fiber MT Connector (MPO)
• Alignment pins fixed in module port
• Integrated mechanical keying
• Module is provided with a dust cover
Features of MT Connector (MPO)
(as part of optional PAROLI fiber optic cables)
• Uses standardized MT ferrule
• MT compatible fiber spacing (250 µm) and alignment pin spacing (4600 µm)
• Push-pull mechanism
• Ferrule bearing spring loaded
Features of the PAROLI 2 Electrical Connector
• Pluggable version using BGA socket
• 100 pin positions (10x10)
• 4 mm stack height in mated conditions
• Plug and receptacle are provided with protective cap
• Standard BGA process for socket assembly
• Contact area plating made out of gold over nickel
• Module side: FCI-MEG-Array
® -Plug (part no. 84512-202)
• PCB side: FCI-MEG-Array
® -Receptacle (part no. 84513-201)
Applications
• Switches, routers, transport equipment
• Mass storage devices
• Access network
• Rack-to-rack/board-to-board interconnect
• Optical backplane interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com