Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R421-M101 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # V23832-R421-M101
Description  PAROLI 2 Tx AC, 1.25 Gbit/s
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R421-M101 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button V23832-R421-M101 Datasheet HTML 12Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 13Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 14Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 15Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 16Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 17Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 18Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 19Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
V23832-T2531-M101
V23832-R511-M101
Technical Data
Data Sheet
16
2003-11-19
Figure 7
Input Level Diagram, DC-coupling
Figure 8
Output Level Diagram, DC-coupling
1)
Recommended range of input parameters for specified module functional performance.
2)
Noise frequency is 1 kHz to
f
max, where fmax is equal to the maximum data rate in units of MHz. E.g. for a
maximum data rate of 2700 Mbit/s,
f
max = 2700 MHz. Power supply noise is defined with the recommended
filter in place at the supply side of the filtering circuit (see Figure 9 on Page 17).
3)
The input stage can also be AC-coupled.
4)
Input level diagram: see Figure 7 on Page 16.
5)
|V
ID| = |(input voltage of non-inverted input minus input voltage of inverted input)|.
6)
Skew between positive and negative inputs measured at 50% level.
7)
20% - 80% level.
8)
Measured between 0.8 V and 2.0 V.
9)
I
out ≈ 10*1.15 V/Rexternal. Resistor Rexternal to be connected externally between REFR and VEE.
10)
Output level diagram: see Figure 8 on Page 16.
11)
|V
OD| = Iout*(300 Ω || RLOAD). The output current range of 3 mA to 9 mA corresponds to |VOD| = 130 mV to 385 mV
for
R
LOAD = 50 Ω.
|V
OD| = |(output voltage of non-inverted output minus output voltage of inverted output)|.
12)
20% - 80% level. Non filtered values.
mV
VCC
500
Time
|V
ID|
File: 3318
mV
VCCO+0.5
VCCO−1.8
Time
|V
OD|
File: 3319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com