Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R421-M101 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # V23832-R421-M101
Description  PAROLI 2 Tx AC, 1.25 Gbit/s
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R421-M101 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button V23832-R421-M101 Datasheet HTML 16Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 17Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 18Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 19Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 20Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 21Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 22Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 23Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
V23832-T2531-M101
V23832-R511-M101
Technical Data
Data Sheet
20
2003-11-19
Transmitter Electro-Optical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Optical Rise Time
1)
t
R
200
ps
Optical Fall Time
1)
t
F
200
ps
Total Jitter
2), 3)
TJ
0.284
UI
Deterministic Jitter
3), 4)
DJ
0.1
UI
Channel-to-channel skew
5)
t
CSK
100
ps
Launched Average Power
6)
P
AVG
–8.0
–5.0
–3.0
dBm
Launched Power Shutdown
P
SD
–30.0
dBm
Center Wavelength
7)
λ
C
830
850
860
nm
Spectral Width (rms)
8)
∆λ
0.35
0.65
nm
Relative Intensity Noise
9)
RIN
–117
dB/Hz
Extinction Ratio (dynamic)
ER
6.0
dB
Optical Modulation
Amplitude
10), 11)
OMA
0.19
12)
0.46
13)
mW
Eye mask compliance
GBE
Electro-optical parameters valid for each channel and measured at the highest specified data rate.
All optical parameters are measured with a 62.5 µm multimode fiber.
1)
20% - 80% level, non filtered values.
2)
The Total Jitter (TJ) is composed of Random Jitter (RJ) and Deterministic Jitter (DJ) according to:
TJ = RJ (14 Sigma value) + DJ.
The TJ is specified at a BER of 10
–12 from TP1 to TP2 according to IEEE 802.3, sec. 38.5.
The RJ is measured at the 50% level of the optical signal as the mean of the rising and falling edge
measurement value.
3)
UI (Unit Interval) is equal to the length of one bit. For example, 2.72 Gbit/s corresponds to 368 ps.
4)
The DJ consists of Duty Cycle Distortion and Data Dependent Jitter and is measured according to IEEE 802.3
using a K28.5 pattern.
5)
With input channel-to-channel skew 0 ps and a maximum data channel-to-channel average deviation and
swing deviation of 5%.
6)
The specified output power is compliant with IEC 60825-1, Amendment 2, Class 1M Accessible Emission
Limits (AEL).
7)
Wavelength is measured according to IEEE 802.3, sec. 38.6.1.
8)
Spectral width is measured according to IEEE 802.3, sec. 38.6.1.
9)
RIN is measured according to IEEE 802.3, sec. 38.6.4.
10)
Peak to peak values.
11)
OMA is defined as the difference of the optical high state (’1’) and the optical low state (’0’):
OMA = P
opt(’1’) – Popt(’0’).
12)
Corresponds to a minimum extinction ratio of 6 dB.
13)
Corresponds to a typical extinction ratio of 8 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com