Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23832-R421-M101 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # V23832-R421-M101
Description  PAROLI 2 Tx AC, 1.25 Gbit/s
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23832-R421-M101 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button V23832-R421-M101 Datasheet HTML 25Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 26Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 27Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 28Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 29Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 30Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 31Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 32Page - Infineon Technologies AG V23832-R421-M101 Datasheet HTML 33Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
V23832-T2531-M101
V23832-R511-M101
Technical Data
Data Sheet
29
2003-11-19
Thermal Characteristics
The thermal behaviour of PAROLI modules (transmitter and receiver) depends on the
operating conditions for different applications.
The following table gives a guideline for system designers.
The thermal resistance R
th (; Pel = electrical power consumption)
can be used for calculating the module case temperature under different operating
conditions and is displayed for two different module options:
a) Baseplate module without heat sink.
b) Baseplate module with customer designed heat sink
(e.g. height = 9 mm, length = 41 mm, width = 18 mm, no. of cooling fins = 9).
Link Length
The link length calculations are based on the most conservative assumption of PAROLI
modules working on their worst case specification limits. Multimode fibers of different
types (modal bandwidth at 850 nm) are shown. The stated link length is valid under all
specified operating conditions and includes 2 dB of additional connector loss.
Air Velocity
1)
1)
The air velocity is applied along the shortest side of the module in parallel to the direction of the heat sinks.
0 m/s
1.5 m/s
3 m/s
4 m/s
Unit
R
th - Option a)
23.3
10.3
8.6
7.5
K/W
R
th - Option b)
20.0
5.2
4.2
4.0
K/W
Fiber Type Diameter
Core/Cladding
[µm]
Modal Bandwidth
[MHz*km]
Link Distance
at 0.5 Gbit/s
[m]
Link Distance
at 1.25 Gbit/s
[m]
62.5 / 125
200
850
360
62.5 / 125
400
1300
640
R
th
T
case
T
ambient
–
P
el
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com