Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DESDALC5LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DESDALC5LP
Description  1 CHANNEL BIDIRECTIONAL TVS DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DESDALC5LP Datasheet(HTML) 2 Page - Diodes Incorporated

  DESDALC5LP Datasheet HTML 1Page - Diodes Incorporated DESDALC5LP Datasheet HTML 2Page - Diodes Incorporated DESDALC5LP Datasheet HTML 3Page - Diodes Incorporated DESDALC5LP Datasheet HTML 4Page - Diodes Incorporated DESDALC5LP Datasheet HTML 5Page - Diodes Incorporated DESDALC5LP Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DESDALC5LP
Document number: DS36761 Rev. 2 - 2
2 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DESDALC5LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
150
W
8/20µs
Peak Pulse Current
IPP
9
A
8/20µs
ESD Protection – Contact Discharge
VESD_Contact
±30
kV
IEC 61000-4-2 Standard
ESD Protection – Air Discharge
VESD_Air
±30
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage
VBR
11
13
17
V
IR = 1mA, pin1 to pin2
5.8
8
11
IR = 1mA, pin2 to pin1
Reverse Current (Note 6)
IR
—
—
25
nA
VR = 5V
Dynamic Resistance, from Pin 1 to Pin 2
RDYN
—
0.19
—
Ω
ITLP = 1A to 20A, tP = 100ns
Dynamic Resistance, from Pin 2 to Pin 1
RDYN
—
0.19
—
Ω
ITLP = 1A to 20A, tP = 100ns
Capacitance
CT
—
26
30
pF
VR = 0V, f = 1MHz
Clamping Voltage, from Pin 1 to Pin 2
VCL
—
21
—
V
8kV contact discharge after 30ns
IEC61000-4-2
Clamping Voltage, from Pin 2 to Pin 1
VCL
—
12
—
V
8kV contact discharge after 30ns
IEC61000-4-2
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
0.0
0.1
150
1.1
T (°C)
J
Figure 1 Normalized Peak Pulse Power vs.
Initial Junction Temperature
8/20µs
T (°C)
J
Figure 2 Leakage Current vs. Junction Temperature
(Typical Values)
1
10
100
25
50
75
100
125
150
V = V
= 5V
From Pin 1 to Pin 2
RRM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com