Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DESDALC5LP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DESDALC5LP
Description  1 CHANNEL BIDIRECTIONAL TVS DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DESDALC5LP Datasheet(HTML) 4 Page - Diodes Incorporated

  DESDALC5LP Datasheet HTML 1Page - Diodes Incorporated DESDALC5LP Datasheet HTML 2Page - Diodes Incorporated DESDALC5LP Datasheet HTML 3Page - Diodes Incorporated DESDALC5LP Datasheet HTML 4Page - Diodes Incorporated DESDALC5LP Datasheet HTML 5Page - Diodes Incorporated DESDALC5LP Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DESDALC5LP
Document number: DS36761 Rev. 2 - 2
4 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DESDALC5LP
Figure 9 ESD Response to IEC 6100-4-2
(+8kV Contact Discharge)
Figure 10 ESD Response to IEC 6100-4-2
(-8kV Contact Discharge)
Figure 11 ESD Response to IEC 6100-4-2
(+15kV Contact Discharge)
Figure 12 ESD Response to IEC 6100-4-2
(-15kV Contact Discharge)
(1) ESD Peak
(2) Clamp Voltage @ 30ns
(3) Clamp Voltage @ 60ns
(4) Clamp Voltage @ 100ns
(1) 72V
(4) 16V
(3) 19V
(2) 21V
50ns/div
50V/div
(1) -76V
(4) -12V
(3) -10V
(2) -12V
(1) ESD Peak
(2) Clamp Voltage @ 30ns
(3) Clamp Voltage @ 60ns
(4) Clamp Voltage @ 100ns
50ns/div
50V/div
(1) 125V
(4) 19V
(3) 19V
(2) 22V
(1) ESD Peak
(2) Clamp Voltage @ 30ns
(3) Clamp Voltage @ 60ns
(4) Clamp Voltage @ 100ns
50ns/div
50V/div
(1) ESD Peak
(2) Clamp Voltage @ 30ns
(3) Clamp Voltage @ 60ns
(4) Clamp Voltage @ 100ns
(1) -133V
(4) -10V
(3) -13V
(2) -17V
50ns/div
50V/div
F (Hz)
Figure 13 S21 Attenuation Measurement Result
-40
-35
-30
-25
-20
-15
-10
-5
0
100k
1M
100M
1G
10M
0
5
10
15
20
0
5
10
15
20
25
Pin 2 to Pin 1
Pin 1 to Pin 2
TLP Plot
Pulse with 100ns
V
(V)
CL
Figure 14 TLP Measurement



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com