Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DESDALC5LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DESDALC5LP
Description  1 CHANNEL BIDIRECTIONAL TVS DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DESDALC5LP Datasheet(HTML) 3 Page - Diodes Incorporated

  DESDALC5LP Datasheet HTML 1Page - Diodes Incorporated DESDALC5LP Datasheet HTML 2Page - Diodes Incorporated DESDALC5LP Datasheet HTML 3Page - Diodes Incorporated DESDALC5LP Datasheet HTML 4Page - Diodes Incorporated DESDALC5LP Datasheet HTML 5Page - Diodes Incorporated DESDALC5LP Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DESDALC5LP
Document number: DS36761 Rev. 2 - 2
3 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DESDALC5LP
110
100
1,000
1
10
100
1,000
10,000
t , PULSE DURATION (µs)
P
Figure 3 Peak Pulse Power vs. Pulse Duration
Pin 1 to Pin 2
1
10
100
1,000
t , PULSE DURATION (µs)
P
Figure 4 Peak Pulse Power vs. Pulse Duration
1
10
100
1,000
10,000
Pin 2 to Pin 1
1
10
813
18
V (V)
Figure 5 Clamping Voltage vs. Peak Pulse Current
(Typical Values)
C
22
8/20µs
T Initial = 25°C
From Pin 1 to Pin 2
J
V (V)
Figure 6 Clamping Voltage vs. Peak Pulse Current
(Typical Values)
C
1
10
6
8
10
12
14
16
8/20µs
T Initial = 25°C
From Pin 2 to Pin 1
J
10
12
14
16
18
20
22
24
26
28
30
V
(V)
Figure 7 Junction Capacitance vs. Reverse Voltage
(Typical Values)
LINE
T = 25°C
f = 1MHz
V
= 0.1V
Pin 1 to Pin 2
J
OSC
10
12
14
16
18
20
22
24
26
28
30
V
(V)
Figure 8 Junction Capacitance vs. Reverse Voltage
(Typical Values)
LINE
T = 25°C
f = 1MHz
V
= 0.1V
Pin 2 to Pin 1
J
OSC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com