Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS52 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAS52
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS52 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAS52 Datasheet HTML 1Page - Infineon Technologies AG BAS52 Datasheet HTML 2Page - Infineon Technologies AG BAS52 Datasheet HTML 3Page - Infineon Technologies AG BAS52 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Nov-04-2002
4
BAS52...
Permissible Reverse voltage VR =  (TA)
tp = Parameter
Duty cycle < 0.01
0
20
40
60
80
100
120
°C
160
TA
0
5
10
15
20
25
30
35
40
V
50
tp=300µs
tp=100ms
DC
Forward current IF =  (TS)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
100
200
300
400
500
600
mA
800
Permissible Puls Load RthJS =  (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax/ IFDC =  (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com