Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS52 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS52
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS52 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS52 Datasheet HTML 1Page - Infineon Technologies AG BAS52 Datasheet HTML 2Page - Infineon Technologies AG BAS52 Datasheet HTML 3Page - Infineon Technologies AG BAS52 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Nov-04-2002
3
BAS52...
Reverse current IR =  (TA)
VR = Parameter
-50
-30
-10
10
30
50
70
90 °C
130
TA
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
A
VR=5V
VR=10V
Reverse current IR = (VR)
TA = Parameter
0
10
20
30
40
V
55
VR
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
A
25°C
85°C
-40°C
125°C
Forward Voltage VF =  (TA)
IF = Parameter
-50
-30
-10
10
30
50
70
90 °C
130
TA
180
220
260
300
340
380
420
460
500
V
580
IF=10mA
IF=100mA
IF=200mA
Forward current IF =  (VF)
TA = Parameter
0
0.1
0.2
0.3
0.4
0.5
0.6
V
0.8
VF
-3
10
-2
10
-1
10
0
10
A
-40 °C
25 °C
85 °C
125 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com