Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS52 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS52
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS52 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS52 Datasheet HTML 1Page - Infineon Technologies AG BAS52 Datasheet HTML 2Page - Infineon Technologies AG BAS52 Datasheet HTML 3Page - Infineon Technologies AG BAS52 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Nov-04-2002
1
BAS52...
Silicon Schottky Diode
 Medium current rectifier Schottky diode
 Low forward voltage at 200mA
 High reverse voltage
BAS52-02V
1
2
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Configuration
Marking
BAS52-02V
SC79
single
y
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
45
V
Forward current
IF
750
mA
Surge forward current (t = 100µs)
IFSM
2000
Average forward current (50/60Hz, sinus)
IFAV
500
Total power dissipation
TS  110°C
Ptot
500
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
 60
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAS52

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52-02V INFINEON-BAS52-02V Datasheet
73Kb / 7P
Silicon Schottky Diode
2007-04-19
logo
Vishay Siliconix
BAS520-02V VISHAY-BAS520-02V Datasheet
88Kb / 5P
BAS520-02V
29-Jun-05
BAS520-02V-GS08 VISHAY-BAS520-02V-GS08 Datasheet
88Kb / 5P
BAS520-02V
29-Jun-05
BAS520-02V-GS18 VISHAY-BAS520-02V-GS18 Datasheet
88Kb / 5P
BAS520-02V
29-Jun-05
logo
NXP Semiconductors
BAS521 PHILIPS-BAS521 Datasheet
59Kb / 8P
High voltage switching diode
2003 Aug 12
More results

Similar Description - BAS52

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
Silicon Schottky Diode
Jun-15-2004
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
Silicon Schottky Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com