Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9902FDF-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL9902FDF-13
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902FDF-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL9902FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 9Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 10Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 11Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 12Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 13Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
10 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
Applications Information
DC-DC and Offline LED Driver
The AL9902 is a cost-effective offline buck LED driver-converter specifically designed for driving LED strings. It is suitable for being used with
either rectified AC line or any DC voltage between 5-500V. See Figure 1 for typical circuit.
C1
C2
C3
Rsense
Rosc
D1
AL9902
L1
3
HD06
1
2
4
Z1
602V
AC+
AC-
GND
VIN
PWM
VDD
LD
CS
SW
SO
Rosc
Figure 1 Typical Application Circuit (without PFC)
Buck Design Equations:
D
IN
LEDs
V
V
osc
ON
f
D
t
L
LED
ON
LEDs
IN
I
3
.
0
t
)
V
V
(
SENSE
R
))
3
.
0
I
(
5
.
0
(
I
25
.
0
LED
LED
Where ILED x 0.3 = IRIPPLE
Design Example
For an AC line voltage of 120V, the nominal rectified input voltage VIN = 120V x 1.41 = 169V. From this and the LED chain voltage the duty cycle
can be determined:
D = VLEDs /VIN = 30/169 = 0.177
From the switching frequency, for example fOSC = 50 kHz, the required on-time of the internal MOSFET can be calculated:
tON = D/fOSC = 3.5 µs
The value of the inductor is determined as follows:
L = (VIN - VLEDs) * tON / (0.3 * ILED) = 4.6mH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com