Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9902FDF-13 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL9902FDF-13
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902FDF-13 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL9902FDF-13 Datasheet HTML 9Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 10Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 11Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 12Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 13Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 14Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 15Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 16Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
13 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
Applications Information (cont.)
General Application
The AL9902 is capable of operating in isolated or non-isolated topologies. It can also be made to operate in continuous as well as discontinuous
conduction mode.
VDD
LDO
OSC
OTP
S
R
250mV
200K
Rsense
7.5V
GND
VDD
LD
PWM
CS
SO
AL9902
Rosc
SW
Rosc
VIN
D1
VIN
Figure 4 Typical Application Circuit
The AL9902 contains a high-voltage LDO (see figure 4), the output of the LDO provides a power rail to the internal circuitry including the gate
driver. A UVLO on the output of the LDO prevents incorrect operation at low input voltage to the VIN pin.
In a non-isolated Buck LED driver when the gate pin goes high, the internal power MOSFET (Q1) is turned on causing current to flow through the
LEDs, inductor (L1) and current sense resistor (RSENSE). When the voltage across RSENSE exceeds the current sense pin threshold, the internal
MOSFET Q1 is turned off. The energy stored in the inductor causes the current to continue to flow through the LEDs via diode D1.
The AL9902
’s LDO provides all power to the rest of the IC including gate drive and this removes the need for large high power start-up resistors.
This means that to during normal operation the AL9902 requires around 0.5mA from the high voltage power rail. The LDO can also be used to
supply up to 1mA to external circuits.
The AL9902 operates and regulates by limiting the peak current of the internal MOSFET; the peak current sense threshold is nominally set at
250mV. The AL9902 is capable of operating in a fixed frequency (PWM) mode and also variable frequency (fixed off-time) mode to regulate the
LED current.
The same basic operation is true for isolated topologies; however in these the energy stored in the transformer delivers energy to LEDs during the
off-cycle of the internal MOSFET.
The on-resistance of the AL9902
’s internal power MOSFET means that it can drive up to 2A.
Design Parameters
Setting the LED Current
In the non-isolated buck converter topology, figure 4, the average LED current is not the peak current divided by 2 - however, there is a certain
error due to the difference between the peak and the average current in the inductor. The following equation accounts for this error:
))
I
*
5
.
0
(
I
mV
250
R
RIPPLE
LED
SENSE
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com