Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9902FDF-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL9902FDF-13
Description  LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9902FDF-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL9902FDF-13 Datasheet HTML 1Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 2Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 3Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 4Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 5Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL9902FDF-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AL9902
Document number: DS37878 Rev. 1 - 2
2 of 18
www.diodes.com
July 2015
© Diodes Incorporated
AL9902
Pin Descriptions
Pin Name
U-DFN5040-10
SO-16
Functions
NC
1
14
No connection
NC
2
1, 2, 4, 10,16 No connection
PWM
3
5
Low Frequency PWM Dimming pin, also Enable input. Internal 200kΩ pull-down to GND
VDD
4
6
Internally regulated supply voltage.
7.5V nominal.
Can supply up to 1 mA for external circuitry. A sufficient storage capacitor is used to provide
storage when the rectified AC input is near the zero crossing.
LD
5
7
Linear Dimming input. Changes the current limit threshold at current sense comparator and
changes the average LED current.
ROSC
6
8
Oscillator control.
A resistor connected between this pin and ground puts the AL9902 into fixed frequency mode and
sets the switching frequency.
VIN
7
9
Input voltage
CS
8
11
Senses LED string and internal MOSFET switch current
GND
9
12
Device ground
NC
11
13
No connection
SO
10
15
Source of the internal MOSFET Switch
SW
12
3
Drain of the internal MOSFET switch.
EP1
EP1
NA
Exposed Pad 1(bottom). Drain connection of internal power MOSFET.
EP2
EP2
NA
Exposed Pad 2 (bottom). Substrate connection of control IC. Connect to GND directly underneath
the package and large PCB area to minimize junction to ambient thermal impedance.
Functional Block Diagram & Typical Application
VDD
LDO
OSC
OTP
S
R
250mV
200K
Rsense
7.5V
GND
VDD
LD
PWM
CS
SO
AL9902
Rosc
SW
Rosc
VIN
D1
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com