Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3402 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3402
Description  1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3402 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3402 Datasheet HTML 2Page - Diodes Incorporated AP3402 Datasheet HTML 3Page - Diodes Incorporated AP3402 Datasheet HTML 4Page - Diodes Incorporated AP3402 Datasheet HTML 5Page - Diodes Incorporated AP3402 Datasheet HTML 6Page - Diodes Incorporated AP3402 Datasheet HTML 7Page - Diodes Incorporated AP3402 Datasheet HTML 8Page - Diodes Incorporated AP3402 Datasheet HTML 9Page - Diodes Incorporated AP3402 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP3402
Document number: DS36623 Rev. 3 - 2
6 of 10
www.diodes.com
August 2015
© Diodes Incorporated
AP3402
Performance Characteristics (@TA = +25ºC, VIN = 5.0V, VOUT = 1.8V, unless otherwise specified.)
Enable Turn on Characteristic (IOUT=2A)
Enable Turn off Characteristic (IOUT=2A)
Time (5ms/div)
Time (200µs/div)
Short Current Protection (IOUT=2A)
SCP Recovery (IOUT=2A)
Time (50ms/div)
Time (50ms/div)
Load Transient (IOUT=0.1A to 2A)
Load Transient (IOUT=1A to 2A)
Time (100µs/div)
Time (100µs/div)
VEN
(2V/div)
VOUT
(1V/div)
IL
(2A/div)
VPG
(2V/div)
VEN
(2V/div)
VOUT
(1V/div)
IL
(2A/div)
VPG
(2V/div)
VOUT
(1V/div)
IL
(2A/div)
VSW
(5V/div)
VOUT
(1V/div)
IL
(2A/div)
VSW
(5V/div)
VOUT_AC
(100mV/div)
IOUT
(1A/div)
VOUT_AC
(100mV/div)
IOUT
(1A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com