Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3402 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3402
Description  1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3402 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3402 Datasheet HTML 1Page - Diodes Incorporated AP3402 Datasheet HTML 2Page - Diodes Incorporated AP3402 Datasheet HTML 3Page - Diodes Incorporated AP3402 Datasheet HTML 4Page - Diodes Incorporated AP3402 Datasheet HTML 5Page - Diodes Incorporated AP3402 Datasheet HTML 6Page - Diodes Incorporated AP3402 Datasheet HTML 7Page - Diodes Incorporated AP3402 Datasheet HTML 8Page - Diodes Incorporated AP3402 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP3402
Document number: DS36623 Rev. 3 - 2
3 of 10
www.diodes.com
August 2015
© Diodes Incorporated
AP3402
Functional Block Diagram
1 M OSC
SLOPE COMP
FREQ
SHIFT
S
R
Q
_
Q
EA
_
+
SWITCHING
LOGIC AND
BLOCKING
CIRCUIT
ANTI -
SHOOT
THRU
PWM
COMP
_
+
+
IAMP
FB
EN
VIN
LX
GND
SHUTDOWN
____
OSC
V REF
0.6
CONTROL
LOGIC
+
PG
4
3
2
5
1
6
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 6
V
VEN
EN Pin Voltage
-0.3 to VIN +0.3
V
VLX
LX Pin Voltage
-0.3 to VIN +0.3
V
VFB
Feedback Pin Voltage
-0.3 to VIN +0.3
V
VPG
PG Pin Voltage
-0.3 to VIN +0.3
V
JA
Thermal Resistance (Junction to Ambient)
TSOT26
220
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 5 sec)
+300
°C
VMM
ESD (Machine Model)
200
V
VHBM
ESD (Human Body Model)
2000
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage Range
2.7
5.5
V
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Junction Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com