Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3402 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3402
Description  1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3402 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3402 Datasheet HTML 1Page - Diodes Incorporated AP3402 Datasheet HTML 2Page - Diodes Incorporated AP3402 Datasheet HTML 3Page - Diodes Incorporated AP3402 Datasheet HTML 4Page - Diodes Incorporated AP3402 Datasheet HTML 5Page - Diodes Incorporated AP3402 Datasheet HTML 6Page - Diodes Incorporated AP3402 Datasheet HTML 7Page - Diodes Incorporated AP3402 Datasheet HTML 8Page - Diodes Incorporated AP3402 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP3402
Document number: DS36623 Rev. 3 - 2
1 of 10
www.diodes.com
August 2015
© Diodes Incorporated
AP3402
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Description
The AP3402 is a 2A step-down DC-DC converter. At heavy load, the
constant frequency PWM control performs excellent stability and
transient response. No external compensation components are
required.
The AP3402 supports a range of input voltages from 2.7V to 5.5V,
allowing
the
use
of
a
single
Li+/Li-
polymer
cell,
multiple
Alkaline/NiMH cell, and other standard power sources. The output
voltage is adjustable from 0.6V to the input voltage. The AP3402
employs internal power switch and synchronous rectifier to minimize
external part count and realize high efficiency. During shutdown, the
input is disconnected from the output and the shutdown current is less
than 1
μA. Other key features include over-temperature and short
circuit protection, and under-voltage lockout to prevent deep battery
discharge.
The AP3402 delivers 2A maximum output current while consuming
only 90
μA of no-load quiescent current. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make the AP3402 an ideal
choice for high output voltage, high current applications which require
a low dropout threshold.
The AP3402 is available in TSOT26 package.
Features
Output Current: Up to 2A
Output Voltage: 0.6V to VIN
Input Voltage: 2.7V to 5.5V
Peak Efficiency Up to 95%
90
μA (Typ) No Load Quiescent Current
Shutdown Current: <1
μA
100% Duty Cycle Operation
1MHz Switching Frequency
Power Good Indicator Function
Internal Soft Start
No External Compensation Required
Current Limit Protection
Thermal Shutdown
TSOT26 Package
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
TSOT26
Applications
5V or 3.3V Point of Load Conversion
Telecom/Networking Equipment
Set Top Boxes
Storage Equipment
Video Cards
DDR Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
EN
LX
VIN
FB
GND
PG
1
2
3
4
5
Pin 1 Mark
6


Similar Part No. - AP3402

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3402GEH A-POWER-AP3402GEH Datasheet
62Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3402GEJ A-POWER-AP3402GEJ Datasheet
62Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP3402

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
A7322 AITSEMI-A7322 Datasheet
776Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 2A, 500kHZ SYNCHRONOUS
REV1.1 - MAY 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com