Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3598A Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3598A Datasheet HTML 9Page - Diodes Incorporated AP3598A Datasheet HTML 10Page - Diodes Incorporated AP3598A Datasheet HTML 11Page - Diodes Incorporated AP3598A Datasheet HTML 12Page - Diodes Incorporated AP3598A Datasheet HTML 13Page - Diodes Incorporated AP3598A Datasheet HTML 14Page - Diodes Incorporated AP3598A Datasheet HTML 15Page - Diodes Incorporated AP3598A Datasheet HTML 16Page - Diodes Incorporated AP3598A Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
13 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
Application Information (Cont.)
6. Current Balance
The AP3598A extracts phase currents for current balance by parasitic on-resistance of the lower switches when turned on as shown in Figure 2.
Sample
&Hold
Current
Balance
ICS1
ICS2
_
+
Reference
Voltage
+
_
PHASE
IOFS
Figure 2. RDS(ON) Current Sensing Scheme
The GM amplifier senses the voltage drop across the lower switch and converts it into current signal when it turns on. The sampled and held
current is expressed as:
A
12
10
R
I
I
3
)
ON
(
DS
LX
CSX
Where ILX is the phase x current in Ampere, RDS(ON) is the on-resistance of low side MOSFET (Ω), 12µA is a constant current to compensate the
offset voltage of the current sensing circuit.
The AP3598A tunes the duty cycle of each channel for current balance according to the sensed inductor current signals as shown in Figure 3. If
the current of channel 1 is smaller than the current of channel 2, the AP3598A increases the duty cycle of the corresponding phase to increase its
phase current accordingly, vice versa.
+
_
+
_
PWM1
PWM2
COMP
ICS2
ICS1
+
_
+
RAMP1
RAMP2
Figure 3. Current Balance Scheme of AP3598A
7. Power Saving Interface (PSI)
This is a multilevel input to support Power Saving features. The AP3598A supports dual phase with FCCM and single phase with DCM and FCCM.
Mode
Descriptions
DCM
Discontinuous Conduction Mode decreases the switching frequency to improve the efficiency at light load
FCCM
Forced Continuous Conduction Mode does not change the switching frequency when the inductor current
goes to negative at light load. This mode is used to disable Power Saving features
Table 2. Description of Operating Modes
As shown in Table 2, an input high voltage (>1.5V) will set the controller to dual phase with FCCM mode; an input of intermediate level (between
0.8V and 1.1V) will set the controller to single phase with FCCM mode; an input low voltage will set the controller to single phase with DCM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com