Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3598A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3598A Datasheet HTML 1Page - Diodes Incorporated AP3598A Datasheet HTML 2Page - Diodes Incorporated AP3598A Datasheet HTML 3Page - Diodes Incorporated AP3598A Datasheet HTML 4Page - Diodes Incorporated AP3598A Datasheet HTML 5Page - Diodes Incorporated AP3598A Datasheet HTML 6Page - Diodes Incorporated AP3598A Datasheet HTML 7Page - Diodes Incorporated AP3598A Datasheet HTML 8Page - Diodes Incorporated AP3598A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
3 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
BOOT1
High side gate driver supply of phase 1
2
HGATE1
High side gate driver output of phase 1
3
EN
Enable input
4
PSI
Power saving interface
5
VID
Voltage ID input
6
REFADJ
Reference adjustment output
7
REFIN
External reference input
8
VREF
Output reference voltage. This is high precision voltage reference
9
FS
Frequency selection. Connect a resistor from this pin to GND to select the
switching frequency
10
GNDSNS
GND sense. Negative node of the remote voltage sense
11
VSNS
VOUT sense. Positive node of the remote differential voltage sense
12
COMP
Compensation. Use this pin in combination with VSNS to compensate the
feedback loop of the converter
13
TSNS
Temperature sensing input
14
TALERT#
Thermal alert. Active low open drain output
15
VCC
Supply voltage
16
PGOOD
Open drain power good output
17
HGATE2
High side gate driver output of phase 2
18
BOOT2
High side gate driver supply of phase 2
19
PHASE2
Switch node of phase 2
20
LGATE2
Low side gate driver output of phase 2
21
PVCC
Driver supply voltage
22
GND
Ground. Must be connected to GND on PCB
23
LGATE1
Low side gate driver output of phase 1
24
PHASE1
Switch node of phase 1
25
THERM/GND
Thermal connection to the PCB. Must be connected to GND on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com