Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3598A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3598A Datasheet HTML 1Page - Diodes Incorporated AP3598A Datasheet HTML 2Page - Diodes Incorporated AP3598A Datasheet HTML 3Page - Diodes Incorporated AP3598A Datasheet HTML 4Page - Diodes Incorporated AP3598A Datasheet HTML 5Page - Diodes Incorporated AP3598A Datasheet HTML 6Page - Diodes Incorporated AP3598A Datasheet HTML 7Page - Diodes Incorporated AP3598A Datasheet HTML 8Page - Diodes Incorporated AP3598A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
2 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
Typical Applications Circuit
CVCC
RPG
L1
Q1
Q2
G
D
S
G
D
S
G
D
S
G
D
S
L2
Q3
Q4
C3
C4
C5
R3
R2
22
25
11
17
18
19
20
21
2
1
24
23
15
9
16
3
4
5
7
6
8
14
13
10
12
VCC
FS
PGOOD
EN
PSI
VID
VREF
REFIN
REFADJ
TALERT#
TSNS
PVCC
HGATE1
BOOT1
PHASE1
LGATE1
HGATE2
BOOT2
PHASE2
LGATE2
GNDSNS
VSNS
COMP
GND
THERM/GND
R1
Supply Voltage
Frequency
Selection
Driver Supply Voltage
Optional
Strap1
RLG1
OUT
IN
IN
IN
OUT
Opamp Compensation
External
Thermister
AP3598A
VCC
REN
RPSI
RPSI2
RVREF1
RFS
RTM
RTM2
RTALERT
CVREF
RVREF2
CREFIN
RREFADJ
VREF
VPCC
CPVCC
VIN
RHG1
CBT1
VIN
RHG2
CBT2
VOUT
COUT
CVIN2
RVOUT
RVGND
VGND_SNS
VOUT_SNS
CVIN1
Component
Value
Unit
Component
Value
Unit
Component
Value
Unit
CVCC
10
μF
RTALERT
100
k
Ω
C3
10
pF
CPVCC
10
μF
RTM2
TBD
k
Ω
C4
2.2
nF
CVIN1
300
μF
RTM
TBD
k
Ω
C5
1.5
nF
CVIN2
300
μF
RHG1
0
Ω
COUT
330*3
μF
RPG
100
k
Ω
CBT1
100
nF
RVOUT
0
Ω
REN
100
k
Ω
RLG1
Note 4
Ω
RVGND
0
Ω
RFS
33
k
Ω
RHG2
0
Ω
CREFIN
0.033
μF
RPSI
100
k
Ω
CBT2
100
nF
Q1
–
–
RPSI2
0
k
Ω
R1
12
k
Ω
Q2
–
–
CVREF
1
μF
R2
2.2
k
Ω
Q3
–
–
RVREF1
4.75
k
Ω
R3
560
Ω
Q4
–
–
RVREF2
4.22
k
Ω
L1
0.36
μH
–
–
–
RREFADJ
6.34
k
Ω
L2
0.36
μH
–
–
–
Table 1. Component Guide
Note 4: RLG1 are OCP setting resisters:
5k for lower OCP threshold, IOCP = 150mV/RDS(ON)
10k for medium OCP threshold, IOCP = 250mV/RDS(ON)
>20k for disabling OCP function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com