Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3776B Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3776B
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776B Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3776B Datasheet HTML 9Page - Diodes Incorporated AP3776B Datasheet HTML 10Page - Diodes Incorporated AP3776B Datasheet HTML 11Page - Diodes Incorporated AP3776B Datasheet HTML 12Page - Diodes Incorporated AP3776B Datasheet HTML 13Page - Diodes Incorporated AP3776B Datasheet HTML 14Page - Diodes Incorporated AP3776B Datasheet HTML 15Page - Diodes Incorporated AP3776B Datasheet HTML 16Page - Diodes Incorporated AP3776B Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP3776B
Document number: DS36737 Rev. 6 - 2
13 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3776B
Function Description (Cont.)
VTH(ST)
VFB(SCP)
tOFF(MAX)
VCC
VFB
VOUT
VOUT(SCP)
5V
Figure 6. Normal Start-up
VTH(ST)
VOPR(MIN)
VFB(SCP)
tOFF(MAX)
VCC
VFB
VOUT
0V
Figure 7. Short Circuit Protection (SCP) and Hiccup Mode
4.
RCS Short Protection
When the primary side current sense resistance is shorted, the primary side current rapidly increases, and the transformer saturates, which leads
to
some components’ damage. The AP3776B draws in the RCS short protection to avoid the damage. If the voltage of CS pin is smaller than 0.15V
at the primary side maximum on time tonp(MAX), the RCS short protection is triggered, and the AP3776B immediately shuts down, and then
restarts.
5.
Over Temperature Protection (OTP)
When the IC junction temperature exceeds the thermal shutdown temperature threshold of +130ºC, the device shuts down immediately. Retry is
allowed if junction temperature reduces by hysteresis temperature value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com