Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3776B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3776B
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776B Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3776B Datasheet HTML 1Page - Diodes Incorporated AP3776B Datasheet HTML 2Page - Diodes Incorporated AP3776B Datasheet HTML 3Page - Diodes Incorporated AP3776B Datasheet HTML 4Page - Diodes Incorporated AP3776B Datasheet HTML 5Page - Diodes Incorporated AP3776B Datasheet HTML 6Page - Diodes Incorporated AP3776B Datasheet HTML 7Page - Diodes Incorporated AP3776B Datasheet HTML 8Page - Diodes Incorporated AP3776B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP3776B
Document number: DS36737 Rev. 6 - 2
4 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3776B
Functional Block Diagram
Regulator
&
Bias
PFM
TONS
UVLO
UVLO
CV_ctrl
PFM
Driver
R Q
S
R
Q
S
CC_ctrl
FB
VCS
CPC
VCC
OUT
GND
Cable
Compensation
Constant Voltage
Control
Constant Current
Control
Tonsec
Detector
0.05V
VFB
6
3
5
7
8
PRO
VREF1
COMP
EA
Peak Current
Control & LEB
TONS
Dynamic
Response
Pro
Dyn
CC_ctrl
Audio noise
Suppression
VREF2
Shutdown
Pre_Shutdown
Line
Compensation
EM
2
4
IS
1
Light Load
Detection
Tdelay
Tdelay
LL
Hiccup
Auto-restart
OVP/OCKP/OTP/Rcs_
short_protection
VREF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com