Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3776B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3776B
Description  LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3776B Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3776B Datasheet HTML 1Page - Diodes Incorporated AP3776B Datasheet HTML 2Page - Diodes Incorporated AP3776B Datasheet HTML 3Page - Diodes Incorporated AP3776B Datasheet HTML 4Page - Diodes Incorporated AP3776B Datasheet HTML 5Page - Diodes Incorporated AP3776B Datasheet HTML 6Page - Diodes Incorporated AP3776B Datasheet HTML 7Page - Diodes Incorporated AP3776B Datasheet HTML 8Page - Diodes Incorporated AP3776B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP3776B
Document number: DS36737 Rev. 6 - 2
3 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP3776B
Typical Applications Circuit (Cont.)
+
C11
FR1
+
C12
L 1
T1
FB
R4
OUT
VCC
R5
R2
VCS
IC1
CPC
GND
C9
R13
R15
R9
Q1
D2,D4,
D5,D6
L2
R8
C4
D7
R7
D8
C3
EM
IS
R12
R3
R10
D3
CY1
R1
NTC
AP3776B
R6
+
C21
+
C22
IC2
APR3415
R24
VCC
AREF
DRAIN
DRAIN
GND
GND
VDET
DRISR
R22
C23
R21
C24
C25
R23
Typical Application of AP3776B with APR3415 (VOUT = 5V/2A or 2.4A)
Pin Descriptions
Pin Number
Pin Name
Function
1
IS
Primary current sensing
2
EM
Connected to the source of external power MOSFET
3
VCC
Power supply
4
OUT
Driving the base of external power MOSFET
5
GND
Ground
6
VCS
Current sensing voltage
7
CPC
Connecting a capacitor for output cable compensation
8
FB
Voltage feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com