Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3785T Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3785T
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3785T Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3785T Datasheet HTML 9Page - Diodes Incorporated AP3785T Datasheet HTML 10Page - Diodes Incorporated AP3785T Datasheet HTML 11Page - Diodes Incorporated AP3785T Datasheet HTML 12Page - Diodes Incorporated AP3785T Datasheet HTML 13Page - Diodes Incorporated AP3785T Datasheet HTML 14Page - Diodes Incorporated AP3785T Datasheet HTML 15Page - Diodes Incorporated AP3785T Datasheet HTML 16Page - Diodes Incorporated AP3785T Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP3785T
Document number: DS37552 Rev. 4 - 2
13 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AP3785T
Operation Principle Description (Cont.)
If the CBC resistance (RCBC) and RFB1 are fixed, the current (ICBC) flowing through the CBC resistance (RCBC) also follows the changing of the
VLOAD:
CBC
LOAD
CBC
R
V
I
(15)
The voltage change (
V
AUX) of auxiliary winding (VAUX) is varied with the VLOAD:
LOAD
CBC
1
FB
CBC
1
FB
AUX
V
R
R
I
R
V
(16)
The VO changing (VO) which VAUX reflects is also changed with VLOAD:
LOAD
CBC
1
FB
aux
S
AUX
AUX
S
O
V
R
R
N
N
V
N
N
V
(17)
So, the right cable compensation can be achieved by adjusting RCBC. The 43kΩ resistance can ensure about 350mV cable compensation from
no load to full load.
12. Protection
The AP3785T has multiple built-in fault protection functions: FB over voltage protection, VCC over voltage protection, output short circuit
protection, FB open circuit protection, transformer saturation protection, current sense resistor fault (short or open) protection and external over
temperature protection. The different fault conditions trigger the different protection modes.
Protection Mode
The AP3785T has three protection modes: Dmin, auto-recovery and fast auto-recovery, which the operation principles are different.
When FB down-resistance short protection is triggered, the AP3785T enters the Dmin mode whereby the AP3785T immediately shuts down and
keeps a duration time tOFF(MAX) to output a pulse for turning on the primary switch, which is used to detect whether the fault condition is removed
and provide VCC supply. If the fault condition is removed before VCC decreases below VOPR(MIN), the device will enter normal operation mode. If
not, the AP3785T will repeat another Dmin mode action. When VCC drops below VOPR(MIN), AP3785T will enter the restart process, and VCC
voltage changes between VTH(ST) and VOPR(MIN) until FB down-resistance short condition is removed.
When FB open circuit protection, output short circuit protection, transformer saturation protection and current sense resistor fault (short or open)
protection are triggered, the device enters the auto-recovery mode. Once the AP3785T enters the auto-recovery mode, the device shuts down
immediately and
doesn’t signal any pulse, the VCC static current is decreased from operating current (I
CC_OPR) to standby current (I
CC_NL). Until
VCC voltage drops to VOPR(MIN), the AP3785T will enter the restart process, and VCC voltage changes between VTH(ST) and VOPR(MIN) until the
fault condition is removed. The slope of VCC voltage to discharge is very small, and the time to drop to VOPR(MIN) is very long. It can decrease the
average power dissipation at a fault condition.
When VCC over voltage protection, FB over voltage protection, CBC short to GND protection, internal over temperature and external over
temperature protection are activated, the device enters the fast auto-recovery mode. The only difference with auto-recovery is that the VCC to
discharge current is kept operating current and the system can fast restart.
12.1
Short Circuit Protection (SCP)
Short Circuit Protection (SCP) detection principle is similar to the normal output voltage feedback detection by sensing FB pin voltage. When the
detected FB pin voltage is below VFB(SCP) for a duration of about tSCP, the SCP is triggered. Then the AP3785T enters auto-recovery mode that
the IC immediately shuts down and then restarts, so that the VCC voltage changes between VTH_ST and UVLO threshold until VFB(SCP) condition
is removed.
As to the normal system startup, the time duration of FB pin voltage below VFB(SCP) should be less than tSCP to avoid entering SCP mode. But for
the output short condition or the output voltage below a certain level, the SCP mode will be triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com