Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3785T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3785T
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3785T Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3785T Datasheet HTML 1Page - Diodes Incorporated AP3785T Datasheet HTML 2Page - Diodes Incorporated AP3785T Datasheet HTML 3Page - Diodes Incorporated AP3785T Datasheet HTML 4Page - Diodes Incorporated AP3785T Datasheet HTML 5Page - Diodes Incorporated AP3785T Datasheet HTML 6Page - Diodes Incorporated AP3785T Datasheet HTML 7Page - Diodes Incorporated AP3785T Datasheet HTML 8Page - Diodes Incorporated AP3785T Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP3785T
Document number: DS37552 Rev. 4 - 2
2 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AP3785T
Typical Applications Circuit (Note 4)
TR1
D8
VO
+
C5
+
C6
OUT
GND
VCC
IC2
AP4341
R11
R12
CY1
+
C1
FR1
+
C2
L1
FB
R5
OUT
VCC
OTP
IC1
CBC
GND
R1
R 2
R7
Q1
D1,D2,
D3,D4
L2
R9
C4
D7
R4
D6
C3
EM
CS
R10
R6
D5
R 8
AP3785T
R3
NTC1
With Schottky (VOUT=5V/1A or 2A)
T1
+
C5
C 9
R14
+
IC2
R13
C8
C6
Q2
R12
R11
APR343
C 7
CY1
+
C1
FR1
+
C2
L1
FB
R5
OUT
VCC
OTP
IC1
CBC
GND
R1
R 2
R7
Q1
D1,D2,
D3,D4
L2
R9
C4
D7
R4
D6
C3
EM
CS
R10
R6
D5
R 8
AP3785T
R3
NTC1
With Synchronous Rectifier (VOUT=5V/2A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com