Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3785T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3785T
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3785T Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3785T Datasheet HTML 1Page - Diodes Incorporated AP3785T Datasheet HTML 2Page - Diodes Incorporated AP3785T Datasheet HTML 3Page - Diodes Incorporated AP3785T Datasheet HTML 4Page - Diodes Incorporated AP3785T Datasheet HTML 5Page - Diodes Incorporated AP3785T Datasheet HTML 6Page - Diodes Incorporated AP3785T Datasheet HTML 7Page - Diodes Incorporated AP3785T Datasheet HTML 8Page - Diodes Incorporated AP3785T Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP3785T
Document number: DS37552 Rev. 4 - 2
3 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AP3785T
Typical Applications Circuit (Note 4, Cont.)
T1
CY1
+
C5
+
C6
IC2
APR34XX
R11
VCC
AREF
DRAIN
DRAIN
GND
GND
VDET
DRISR
R13
C9
R14
C8
C7
R12
+
C1
FR1
+
C2
L1
FB
R5
OUT
VCC
OTP
IC1
CBC
GND
R1
R 2
R7
Q1
D1,D2,
D3,D4
L2
R9
C4
D7
R4
D6
C3
EM
CS
R10
R6
D5
R 8
AP3785T
R3
NTC1
With Synchronous Rectifier (i.e. APR34330 for VOUT=5V/1.5A, APR3415 for VOUT=5V/2A and APR34309 for VOUT=5V/3A)
Note 4: If the OTP pin is not connected to the NTC resistor, the external OTP function will not work and the IC can still work normally with internal OTP.
Pin Descriptions
Pin Number
Pin Name
Function
1
CS
Sense primary side current for turning off the external power MOSFET and deliver a voltage
proportional to the line voltage for compensation from FB pin
2
EM
Connected to the source of external power MOSFET
3
VCC
The power supply for the IC. In order to get the correct operation of the IC, a capacitor with low
ESR should be placed as close as possible to the VCC pin
4
OUT
Turn on and turn off the external power MOSFET
5
GND
The ground of the IC
6
OTP
The external over temperature protection
7
CBC
This pin connects a resistor to GND for output cable voltage drop compensation
8
FB
Voltage feedback. The CV and CC regulation are realized based on the voltage sampling of this
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com