Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4341S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP4341S
Description  DYNAMIC PSR ACCELERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4341S Datasheet(HTML) 1 Page - Diodes Incorporated

  AP4341S Datasheet HTML 1Page - Diodes Incorporated AP4341S Datasheet HTML 2Page - Diodes Incorporated AP4341S Datasheet HTML 3Page - Diodes Incorporated AP4341S Datasheet HTML 4Page - Diodes Incorporated AP4341S Datasheet HTML 5Page - Diodes Incorporated AP4341S Datasheet HTML 6Page - Diodes Incorporated AP4341S Datasheet HTML 7Page - Diodes Incorporated AP4341S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP4341S
Document number: DS38219 Rev. 2 - 2
1 of 8
www.diodes.com
December 2015
© Diodes Incorporated
AP4341S
DYNAMIC PSR ACCELERATOR
Description
The AP4341S is an output voltage detector for Primary Side Control
System. It is a low power loss solution. It detects the output voltage
and provides a periodical signal when the output voltage is lower than
a certain threshold. The periodical signal can be coupled by the
transformer to the primary side and provided as an awakening signal
for the main primary side controller. By fast response to secondary
side voltage, the AP4341S can effectively improve the transient
performance of Primary Side Control System.
The AP4341S will enable a discharge circuit when it detects the
output voltage is higher than a certain threshold.
The AP4341S can cooperate with some PSR ICs, such as AP3775,
GP350H and GP350BX.
The AP4341S is available in SOT23 package.
Features
Fast Detector of Supply Voltages
33kHz Output Pulse
No External Components
Low Power Loss for Green Mode Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
GND
VCC
OUT
3
2
1
SOT23
Applications
Adapters/Chargers for Cell/Cordless Phones, ADSL Modems,
MP3 and Other Portable Apparatus
Standby and Auxiliary Power Supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
+
C1
FR1
+
C2
L 1
TR1
D1
VO
+
FB
R16
OUT
VCC
R2
R17
CS
IC1
CPC
GND
C6
R3
R4
R10
Q1
C3
D4 to D7
L2
R12
C8
D2
R5
+
C4
D3
C5
R11
OUT
GND
VCC
IC2
AP4341S
EM
R6
R7
IS


Similar Part No. - AP4341S

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4340 BCDSEMI-AP4340 Datasheet
369Kb / 13P
DYNAMIC PSR ACCELERATOR Fast Detector of Supply Voltages
AP4340NTR-G1 BCDSEMI-AP4340NTR-G1 Datasheet
369Kb / 13P
DYNAMIC PSR ACCELERATOR Fast Detector of Supply Voltages
logo
Diodes Incorporated
AP4340S DIODES-AP4340S Datasheet
378Kb / 10P
DYNAMIC PSR ACCELERATOR
Rev 4
AP4340SNTRG1 DIODES-AP4340SNTRG1 Datasheet
378Kb / 10P
DYNAMIC PSR ACCELERATOR
Rev 4
logo
BCD Semiconductor Manuf...
AP4340Z-G1 BCDSEMI-AP4340Z-G1 Datasheet
369Kb / 13P
DYNAMIC PSR ACCELERATOR Fast Detector of Supply Voltages
More results

Similar Description - AP4341S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGUI9440 ETC1-TGUI9440 Datasheet
601Kb / 4P
GUI Accelerator
TGUI9440-3 ETC1-TGUI9440-3 Datasheet
513Kb / 3P
GUI Accelerator
TVG9470 ETC2-TVG9470 Datasheet
498Kb / 4P
TV Accelerator
logo
Communications & Power ...
VWP1133 CPI-VWP1133 Datasheet
124Kb / 1P
Accelerator
logo
BCD Semiconductor Manuf...
AP4340 BCDSEMI-AP4340 Datasheet
369Kb / 13P
DYNAMIC PSR ACCELERATOR Fast Detector of Supply Voltages
logo
Linear Technology
LTC1694 LINER-LTC1694_15 Datasheet
191Kb / 8P
SMBus/IC Accelerator
LTC1694-1 LINER-LTC1694-1_15 Datasheet
186Kb / 8P
SMBus/IC Accelerator
logo
Diodes Incorporated
AP4340S DIODES-AP4340S Datasheet
378Kb / 10P
DYNAMIC PSR ACCELERATOR
Rev 4
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
PSR-MS20 / PSR-MS25
logo
List of Unclassifed Man...
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com