Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4341S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP4341S
Description  DYNAMIC PSR ACCELERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4341S Datasheet(HTML) 3 Page - Diodes Incorporated

  AP4341S Datasheet HTML 1Page - Diodes Incorporated AP4341S Datasheet HTML 2Page - Diodes Incorporated AP4341S Datasheet HTML 3Page - Diodes Incorporated AP4341S Datasheet HTML 4Page - Diodes Incorporated AP4341S Datasheet HTML 5Page - Diodes Incorporated AP4341S Datasheet HTML 6Page - Diodes Incorporated AP4341S Datasheet HTML 7Page - Diodes Incorporated AP4341S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP4341S
Document number: DS38219 Rev. 2 - 2
3 of 8
www.diodes.com
December 2015
© Diodes Incorporated
AP4341S
Absolute Maximum Ratings (Note 4)
Parameter
Rating
Unit
Supply Voltage VCC
-0.3 to 7
V
Voltage at OUT
-40 to 9
V
Output Current at OUT
Internally limited
A
Power Dissipation at TA= +25ºC
0.4
W
Operating Junction Temperature
+150
ºC
Storage Temperature
-65 to +150
ºC
Lead Temperature (Soldering, 10 sec)
+300
ºC
Thermal Resistance (Junction to Case)
140
ºC/W
Note:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicate
d under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
2
6
V
TA
Ambient Temperature
-40
+85
ºC
Electrical Characteristics (V
CC =5V, TA=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage ( VCC Pin )
VON
Power-on Voltage
–
2.1
2.5
2.9
V
IST
Startup Current
VCC=2.1V
15
30
65
μA
IOP
Operating Current
OUT pin floating,
VCC=VTRI+20mV
30
80
120
μA
VOFF
Power-off Voltage
–
1.9
2.3
2.7
V
VTRI
Internal Trigger Voltage
–
5.05
5.10
5.15
V
Output Section/ Oscillator Section
–
Duty Cycle
VCC=4.9V
1.5
5
6.5
%
tOSC
Oscillation Period
VCC=4.9V
25
30
35
μs
IOUT
Output Maximum Current
VCC=4.9V
26
31
36
mA
tDIS
Minimum Period
–
55
70
80
ms
VDIS
Discharge Voltage
–
5.10
5.15
5.20
V
IDIS
Discharge Current
–
0.5
1
1.5
mA
VOVP
Overshoot Voltage for Discharge
–
5.15
5.25
5.45
V
IOVP
Overshoot Current for Discharge
–
40
100
160
mA
Note:
5. The system output voltage is 5V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com