Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4341S Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP4341S
Description  DYNAMIC PSR ACCELERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4341S Datasheet(HTML) 4 Page - Diodes Incorporated

  AP4341S Datasheet HTML 1Page - Diodes Incorporated AP4341S Datasheet HTML 2Page - Diodes Incorporated AP4341S Datasheet HTML 3Page - Diodes Incorporated AP4341S Datasheet HTML 4Page - Diodes Incorporated AP4341S Datasheet HTML 5Page - Diodes Incorporated AP4341S Datasheet HTML 6Page - Diodes Incorporated AP4341S Datasheet HTML 7Page - Diodes Incorporated AP4341S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP4341S
Document number: DS38219 Rev. 2 - 2
4 of 8
www.diodes.com
December 2015
© Diodes Incorporated
AP4341S
Operation Description
VCC
Dynamic
VON
VTRI
VOFF
VOVP
VTRI
IVCC
IDIS
UVLO
VDIS
VDIS
IOVP
2ms
tDIS
Figure 1. Typical Waveforms of AP4341S
When VCC voltage is beyond power-on voltage (VON), the AP4341S starts up. The OUT pin asserts a periodical pulse and oscillation period is
tOSC. When VCC voltage is beyond trigger voltage (VTRI), the periodical pulse in OUT pin is discontinued. When VCC voltage is beyond discharge
voltage (VDIS), the discharge circuit will be enabled, a 1mA current will flow into VCC pin. When VCC voltage is higher than overshoot voltage
(VOVP), the AP4341S will enable a discharge circuit until the VCC voltage falls below the overshoot voltage. At the same time, the periodical pulse
in OUT pin will be disabled.
When the VCC voltage is below power-off voltage (VOFF), the AP4341S will be shut down.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com