Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7343 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7343
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7343 Datasheet HTML 5Page - Diodes Incorporated AP7343 Datasheet HTML 6Page - Diodes Incorporated AP7343 Datasheet HTML 7Page - Diodes Incorporated AP7343 Datasheet HTML 8Page - Diodes Incorporated AP7343 Datasheet HTML 9Page - Diodes Incorporated AP7343 Datasheet HTML 10Page - Diodes Incorporated AP7343 Datasheet HTML 11Page - Diodes Incorporated AP7343 Datasheet HTML 12Page - Diodes Incorporated AP7343 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AP7343
Document number: DS37952 Rev. 2 - 2
9 of 16
www.diodes.com
December 2015
© Diodes Incorporated
AP7343
Typical Characteristics (cont.)
VOUT = 1.8V
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
COUT=1µF
1.85
1.80
1.90
1.75
1.70
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
COUT=4.7µF
1.85
1.80
1.90
1.75
1.70
VOUT = 1.8V
VOUT = 2.8V
Time t (µs)
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
COUT=1µF
2.85
2.80
2.90
2.75
2.70
Output Voltage
VOUT = 2.8V
Time t (µs)
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
COUT=4.7µF
2.85
2.80
2.90
2.75
2.70
Output Voltage
VOUT = 3.3V
Time t (µs)
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
COUT=1µF
3.35
3.30
3.40
3.25
3.20
Output Voltage
VOUT = 3.3V
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
COUT=4.7µF
3.35
3.30
3.40
3.25
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com