Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7343 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7343
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7343 Datasheet HTML 1Page - Diodes Incorporated AP7343 Datasheet HTML 2Page - Diodes Incorporated AP7343 Datasheet HTML 3Page - Diodes Incorporated AP7343 Datasheet HTML 4Page - Diodes Incorporated AP7343 Datasheet HTML 5Page - Diodes Incorporated AP7343 Datasheet HTML 6Page - Diodes Incorporated AP7343 Datasheet HTML 7Page - Diodes Incorporated AP7343 Datasheet HTML 8Page - Diodes Incorporated AP7343 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP7343
Document number: DS37952 Rev. 2 - 2
4 of 16
www.diodes.com
December 2015
© Diodes Incorporated
AP7343
Typical Characteristics
0.0
0.5
1.0
1.5
2.0
0
100
200
300
400
500
600
Output Current I
OUT (mA)
Output Voltage vs Output Current
V
OUT=1.8V
Vin=2.8V
Vin=4.2V
Vin=5V
Vin=5.25V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
600
Output Current I
OUT (mA)
Output Voltage vs Output Current
V
OUT=2.8V
Vin=3.8V
Vin=5V
Vin=5.25V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
600
Output Current I
OUT (mA)
Output Voltage vs Output Current
V
OUT=3.3V
Vin=4.3V
Vin=5V
Vin=5.25V
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
Input Voltage V
IN (V)
Output Voltage vs. Input Voltage
V
OUT=1.8V
1mA
30mA
50mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
Input Voltage V
IN (V)
Output Voltage vs. Input Voltage
V
OUT=2.8V
1mA
30mA
50mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
Input Voltage V
IN (V)
Output Voltage vs. Input Voltage
V
OUT=3.3V
1mA
30mA
50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com