Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7343 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7343
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7343 Datasheet HTML 1Page - Diodes Incorporated AP7343 Datasheet HTML 2Page - Diodes Incorporated AP7343 Datasheet HTML 3Page - Diodes Incorporated AP7343 Datasheet HTML 4Page - Diodes Incorporated AP7343 Datasheet HTML 5Page - Diodes Incorporated AP7343 Datasheet HTML 6Page - Diodes Incorporated AP7343 Datasheet HTML 7Page - Diodes Incorporated AP7343 Datasheet HTML 8Page - Diodes Incorporated AP7343 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP7343
Document number: DS37952 Rev. 2 - 2
2 of 16
www.diodes.com
December 2015
© Diodes Incorporated
AP7343
Pin Descriptions
Pin Number
Pin Name
Function
X2-DFN1010-4
1
VOUT
Power Output Pin
2
GND
Ground
3
EN
Enable Pin
This pin should be driven either high or low and must not be floating. Driving this pin high
enables the regulator, while pulling it low puts the regulator into shutdown mode
4
VIN
Power Input Pin
—
Thermal Pad
In PCB layout, prefer to use large copper area to cover this pad for better thermal dissipation,
then connect this area to GND or leave it open. However, do not use it as GND electrode
function alone
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage EN
6.0
V
VOUT
Output Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
400
mA
PD
Power Dissipation
400
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Note:
4. a).Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended period
may affect device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2in. x 2in. multilayer board with 1oz.
internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.7
5.25
V
IOUT
Output Current
0
300
mA
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com