Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7344 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7344
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7344 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7344 Datasheet HTML 5Page - Diodes Incorporated AP7344 Datasheet HTML 6Page - Diodes Incorporated AP7344 Datasheet HTML 7Page - Diodes Incorporated AP7344 Datasheet HTML 8Page - Diodes Incorporated AP7344 Datasheet HTML 9Page - Diodes Incorporated AP7344 Datasheet HTML 10Page - Diodes Incorporated AP7344 Datasheet HTML 11Page - Diodes Incorporated AP7344 Datasheet HTML 12Page - Diodes Incorporated AP7344 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP7344
Document number: DS37368 Rev. 1 - 2
9 of 15
www.diodes.com
January 2015
© Diodes Incorporated
AP7344
Performance Characteristics (Cont.)
Load Transient Response Waveforms
Load Transient Response Waveforms
Load Transient Response Waveforms
Load Transient Response Waveforms
Turn On Waveforms
Turn On Waveforms
VOUT=2.8V
Time t (µs)
Output Voltage
EN Input Voltage
0
40
80
120
160
200
0
2
2
4
IOUT=0mA
IOUT=30mA
IOUT=300mA
0
4
VOUT=1.8V
Time t (µs)
Output Voltage
EN Input Voltage
0
40
80
120
160
200
0
1
3
2
1
2
IOUT=0mA
IOUT=30mA
IOUT=300mA
0
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
2.85
2.80
2.90
2.75
2.70
1.85
1.80
1.75
Output Voltage IOUT=30mA
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
2.85
2.80
2.90
2.75
2.70
1.85
1.80
1.75
Output Voltage IOUT=30mA
VOUT=2.8V,
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
1.85
1.80
1.90
1.75
1.70
2.85
2.80
2.75
Output Voltage IOUT=30mA
VOUT=1.8V,
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
80
160
240
320
400
400
200
0
1.85
1.80
1.90
1.75
1.70
2.85
2.80
2.75
Output Voltage IOUT=30mA
COUT=1µF
COUT=4.7µF
VOUT=2.8V, COUT=4.7µF
VOUT=1.8V,
COUT=1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com