Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7344 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7344
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7344 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7344 Datasheet HTML 7Page - Diodes Incorporated AP7344 Datasheet HTML 8Page - Diodes Incorporated AP7344 Datasheet HTML 9Page - Diodes Incorporated AP7344 Datasheet HTML 10Page - Diodes Incorporated AP7344 Datasheet HTML 11Page - Diodes Incorporated AP7344 Datasheet HTML 12Page - Diodes Incorporated AP7344 Datasheet HTML 13Page - Diodes Incorporated AP7344 Datasheet HTML 14Page - Diodes Incorporated AP7344 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP7344
Document number: DS37368 Rev. 1 - 2
11 of 15
www.diodes.com
January 2015
© Diodes Incorporated
AP7344
ESR vs. Output Current
Ceramic type output capacitor is recommended for this series; however, the other output capacitors with low ESR also can be used. The relations
between IOUT (Output Current) and ESR of an output capacitor are shown below. The stable region is marked as the hatched area in the graph.
Measurement conditions: Frequency Band: 10Hz to 2MHz, Temperature
: −40°C to +85°C.
Ordering Information
AP7344X XXXXXX RH4– 7
Package
CH1/CH2 Output Voltage
Output Discharge
RH4 : X2-DFN1612-8
7 : Tape & Reel
Packing
CH1
CH2
12 : 1.2V
12 : 1.2V
15 : 1.5V
15 : 1.5V
18 : 1.8V
18 : 1.8V
25 : 2.5V
25 : 2.5V
28 : 2.8V
28 : 2.8V
285 : 2.85V
285 : 2.85V
30 : 3.0V
30 : 3.0V
33 : 3.3V
33 : 3.3V
36 : 3.6V
Blank : Non-discharge
D : Output Discharge
Part Number
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP7344-XXXXRH4-7
RH4
X2-DFN1612-8
5000/Tape & Reel
-7
AP7344D-XXXXXXRH4-7
RH4
X2-DFN1612-8
5000/Tape & Reel
-7
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Output Current I
OUT (mA)
ESR vs. Output Current
AP7344-33
-40°C
85°C
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Output Current I
OUT (mA)
ESR vs. Output Current
AP7344-18
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com