Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7344 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7344
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7344 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7344 Datasheet HTML 7Page - Diodes Incorporated AP7344 Datasheet HTML 8Page - Diodes Incorporated AP7344 Datasheet HTML 9Page - Diodes Incorporated AP7344 Datasheet HTML 10Page - Diodes Incorporated AP7344 Datasheet HTML 11Page - Diodes Incorporated AP7344 Datasheet HTML 12Page - Diodes Incorporated AP7344 Datasheet HTML 13Page - Diodes Incorporated AP7344 Datasheet HTML 14Page - Diodes Incorporated AP7344 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP7344
Document number: DS37368 Rev. 1 - 2
13 of 15
www.diodes.com
January 2015
© Diodes Incorporated
AP7344
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
Package Type: X2-DFN1612-8
X2-DFN1612-8
Dim
Min
Max
Typ
A
––
0.40
0.39
A1
0.00
0.05
0.02
b
0.13
0.23
0.18
D
1.55
1.65
1.60
D2
1.25
1.35
1.30
E
1.15
1.25
1.20
E2
0.25
0.35
0.30
e
––
––
0.40
L
0.15
0.25
0.20
z
––
––
0.11
z1
––
––
0.05
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1)
Package Type: X2-DFN1612-8
Dimensions
Value
(in mm)
C
0.400
X
0.230
X1
1.300
X2
1.430
Y
0.400
Y1
0.300
Y2
1.400
z
D
E
L
A
Seating Plane
A1
b
D2
E2
e
C0.15
z1
Y2
X2
Y
X
C
Y1
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com