Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7346 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7346
Description  DUAL HIGH ACCURACY CURRENT LIMIT LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7346 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7346 Datasheet HTML 6Page - Diodes Incorporated AP7346 Datasheet HTML 7Page - Diodes Incorporated AP7346 Datasheet HTML 8Page - Diodes Incorporated AP7346 Datasheet HTML 9Page - Diodes Incorporated AP7346 Datasheet HTML 10Page - Diodes Incorporated AP7346 Datasheet HTML 11Page - Diodes Incorporated AP7346 Datasheet HTML 12Page - Diodes Incorporated AP7346 Datasheet HTML 13Page - Diodes Incorporated AP7346 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP7346
Document number: DS38082 Rev. 1 - 2
11 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP7346
Ordering Information
AP7346X - XXXX XXX - X
Packing
Package
Output Discharge
7 : Tape & Reel
FS6 : X2-DFN1212-6
CH1/CH2 Output Voltage
D : Output Discharge
CH1
CH2
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
36 : 3.6V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
Device
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP7346D-XXXXFS6-7
FS6
X2-DFN1212-6
5000/Tape & Reel
-7
Marking Information
(1)
X2-DFN1212-6
Y : Year : 0~9
(Top View)
X : Internal code
Y W X
XXX
XXX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
VOUT1/VOUT2
Package
Identification Code
AP7346D-1218FS6-7
1.2V/1.8V
X2-DFN1212-6
EAA
AP7346D-1528FS6-7
1.5V/2.8V
X2-DFN1212-6
EAB
AP7346D-1815FS6-7
1.8V/1.5V
X2-DFN1212-6
EAC
AP7346D-1818FS6-7
1.8V/1.8V
X2-DFN1212-6
EAD
AP7346D-1828FS6-7
1.8V/2.8V
X2-DFN1212-6
EAE
AP7346D-1833FS6-7
1.8V/3.3V
X2-DFN1212-6
EAF
AP7346D-2518FS6-7
2.5V/1.8V
X2-DFN1212-6
EAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com