Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7346 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7346
Description  DUAL HIGH ACCURACY CURRENT LIMIT LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7346 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7346 Datasheet HTML 1Page - Diodes Incorporated AP7346 Datasheet HTML 2Page - Diodes Incorporated AP7346 Datasheet HTML 3Page - Diodes Incorporated AP7346 Datasheet HTML 4Page - Diodes Incorporated AP7346 Datasheet HTML 5Page - Diodes Incorporated AP7346 Datasheet HTML 6Page - Diodes Incorporated AP7346 Datasheet HTML 7Page - Diodes Incorporated AP7346 Datasheet HTML 8Page - Diodes Incorporated AP7346 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP7346
Document number: DS38082 Rev. 1 - 2
4 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP7346
Electrical Characteristics (@TA = +25°C, VIN = VOUT+1V (VOUT > 1.5V), VIN = 2.5V (VOUT ≤ 1.5V), IOUT = 1mA, CIN = COUT = 1.0µF,
unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage
TA = -40°C to +85°C
1.7
–
5.25
V
Output Voltage Accuracy (Note 11)
VIN = (VOUT-NOM+1.0V) to
5.25V,
IOUT = 1mA to 120mA
TA = +25°C
-1
–
1
%
TA = -40°C to +85°C
-1.5
–
1.5
Line Regulation (
∆VOUT/∆VIN/VOUT)
VIN = (VOUT-NOM +1.0V) to 5.25V, IOUT = 1.0mA
–
0.02
0.1
%/V
Load Regulation (
∆VOUT/∆IOUT)
VIN = VOUT-NOM +1.0V, IOUT = 1mA to 120mA
–
15
30
mV
Quiescent Current (Note 6)
Set EN1 high, set EN2 low, or set EN2 high, set
EN1 low, No load
–
35
50
µA
Set EN1/EN2 high, No load
–
70
100
µA
ISTANDBY
Set EN1/EN2 low, No load
–
0.1
1.0
µA
Output Current
–
130
–
–
mA
Fold-back Short Current (Note 7)
VOUT short to ground
–
55
–
mA
PSRR (Note 8)
VIN = (VOUT+1V) VDC + 0.2Vp-pAC,
VOUT ≥1.8V, IOUT = 30mA
f = 1kHz
–
75
–
dB
Output Noise Voltage (Notes 8 & 9)
BW = 10Hz to 100kHz, IOUT = 30mA
–
60
–
µVrms
Dropout Voltage (Note 5)
IOUT = 120mA
VOUT ≤ 1.2V
–
0.48
0.59
V
1.2V < VOUT ≤ 1.4V
–
0.39
0.50
1.4V < VOUT ≤ 1.7V
–
0.35
0.44
1.7V < VOUT ≤ 2.1V
–
0.30
0.39
2.1V < VOUT ≤ 2.5V
–
0.26
0.34
2.5V < VOUT ≤ 3.0V
–
0.25
0.30
3.0V < VOUT ≤ 3.6V
–
0.22
0.29
Output Voltage Temperature Coefficient
IOUT = 30mA, TA = -40°C to +85°C
–
±30
–
ppm/°C
EN Input Low Voltage
–
0
–
0.5
V
EN Input High Voltage
–
1.3
–
5.25
V
EN Input Leakage
VEN = 0V, VIN = 5.0V or VEN = 5.0V, VIN = 0V
-1.0
–
1.0
µA
OCP
132
157
182
mA
On Resistance of N-channel for Auto-
discharge (Note 10)
VIN = 4.0V, VEN = 0V
(Disabled)
D Version
Channels 1 & 2
–
50
–
Ω
Notes:
5. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
6. Quiescent current defined here is the difference in current between the input and the output.
7. Short circuit current is measured with VOUT pulled to GND.
8. This specification is guaranteed by design.
9. To make sure lowest environment noise minimizes the influence on noise measurement.
10. AP7346 is available for built-in discharge.
11. Potential multiple grades based on following output voltage accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com