Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7346 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7346
Description  DUAL HIGH ACCURACY CURRENT LIMIT LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7346 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7346 Datasheet HTML 1Page - Diodes Incorporated AP7346 Datasheet HTML 2Page - Diodes Incorporated AP7346 Datasheet HTML 3Page - Diodes Incorporated AP7346 Datasheet HTML 4Page - Diodes Incorporated AP7346 Datasheet HTML 5Page - Diodes Incorporated AP7346 Datasheet HTML 6Page - Diodes Incorporated AP7346 Datasheet HTML 7Page - Diodes Incorporated AP7346 Datasheet HTML 8Page - Diodes Incorporated AP7346 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP7346
Document number: DS38082 Rev. 1 - 2
2 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP7346
Pin Descriptions
Pin Number
Pin Name
Function
1
VOUT1
Channel 1 output voltage pin
2
VOUT2
Channel 2 output voltage pin
3
GND
Ground
4
EN2
Chanel 2 enable pin. This pin should be driven either high or low and must not
be floating. Driving this pin high enables channel 2 output, while pulling it low
puts Chanel 2 regulator into shutdown mode.
5
VIN
Power input pin
6
EN1
Chanel 1 enable pin. This pin should be driven either high or low and must not
be floating. Driving this pin high enables channel 1 output, while pulling it low
puts Chanel 1 regulator into shutdown mode.
–
Thermal PAD
In PCB layout, prefer to use large copper area to cover this pad for better
thermal dissipation, then connect this area to GND or leave it open. However
do not use it as GND electrode function alone.
Functional Block Diagram
With Discharge
EN1
EN2
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com