Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7361C Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7361C
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361C Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7361C Datasheet HTML 9Page - Diodes Incorporated AP7361C Datasheet HTML 10Page - Diodes Incorporated AP7361C Datasheet HTML 11Page - Diodes Incorporated AP7361C Datasheet HTML 12Page - Diodes Incorporated AP7361C Datasheet HTML 13Page - Diodes Incorporated AP7361C Datasheet HTML 14Page - Diodes Incorporated AP7361C Datasheet HTML 15Page - Diodes Incorporated AP7361C Datasheet HTML 16Page - Diodes Incorporated AP7361C Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AP7361C
Document number: DS37274 Rev. 2 - 2
13 of 22
www.diodes.com
September 2015
© Diodes Incorporated
AP7361C
Ordering Information
AP7361C – XX XXX – XX
Output
Package
Packing
Blank : ADJ
10 : 1.0V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
33 : 3.3V
FGE : U-DFN3030-8
Y5 : SOT89-5
D : TO252
DR : TP252R
E : SOT223
ER : SOT223R
SP : SO-8EP
SPR : SO-8EPR
7 : 7' Tape & Reel
13 : 13' Tape & Reel
Part Number
Package Code
Packaging
7
”/13” Tape and Reel
Quantity
Part Number Suffix
AP7361C-XXFGE-7
FGE
U-DFN3030-8
3000/Tape & Reel
-7
AP7361C-XXY5-13
Y5
SOT89-5
2500/Tape & Reel
-13
AP7361C-XXD-13
D
TO252
2500/Tape & Reel
-13
AP7361C-XXDR-13
DR
TO252R
2500/Tape & Real
-13
AP7361C-XXE-13
E
SOT223
2500/Tape & Reel
-13
AP7361C-XXER-13
ER
SOT223R
2500/Tape & Reel
-13
AP7361C-XXSP-13
SP
SO-8EP
2500/Tape & Reel
-13
AP7361C-XXSPR-13
SPR
SO-8EPR
2500/Tape & Reel
-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com