Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7361C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7361C
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361C Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7361C Datasheet HTML 1Page - Diodes Incorporated AP7361C Datasheet HTML 2Page - Diodes Incorporated AP7361C Datasheet HTML 3Page - Diodes Incorporated AP7361C Datasheet HTML 4Page - Diodes Incorporated AP7361C Datasheet HTML 5Page - Diodes Incorporated AP7361C Datasheet HTML 6Page - Diodes Incorporated AP7361C Datasheet HTML 7Page - Diodes Incorporated AP7361C Datasheet HTML 8Page - Diodes Incorporated AP7361C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AP7361C
Document number: DS37274 Rev. 2 - 2
2 of 22
www.diodes.com
September 2015
© Diodes Incorporated
AP7361C
Typical Applications Circuit
COUT
4.7µF
Fixed Version with EN
CIN
4.7µF
IN
GND
EN
OUT
Enable
VIN
VOUT
AP7361C
COUT
4.7µF
Fixed Version without EN
CIN
4.7µF
IN
GND
OUT
VIN
VOUT
AP7361C
CIN
4.7µF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
COUT
4.7µF
VIN
VOUT
AP7361C
Adjustable Output
Pin Descriptions
Pin Number
Pin
Name
Function
U-DFN3030-8 SOT89-5 TO252
TO252R SOT223 SOT223R SO-8EP SO-8EPR
8
4
1
3
1
3
8
8
IN
The input of the regulator. Bypass to
ground through at least 1µF ceramic
capacitor.
1
5
3
2
3
2
1
1
OUT
The output of the regulator. Bypass to
ground
through
at
least
2.2µF
ceramic capacitor. For improved ac
load response a larger capacitor is
recommended.
4
2
2
1
2
1
4
3
GND
Ground
3
3
–
–
–
–
–
2
ADJ/NC
Adjustable voltage version only
– a
resistor divider from this pin to the
OUT pin and ground sets the output
voltage.
5
1
–
–
–
–
2
5
EN
Enable input, active high
2, 6, 7
–
–
–
–
–
3, 5, 6, 7
4, 6, 7
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com