Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7361C Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP7361C
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361C Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP7361C Datasheet HTML 14Page - Diodes Incorporated AP7361C Datasheet HTML 15Page - Diodes Incorporated AP7361C Datasheet HTML 16Page - Diodes Incorporated AP7361C Datasheet HTML 17Page - Diodes Incorporated AP7361C Datasheet HTML 18Page - Diodes Incorporated AP7361C Datasheet HTML 19Page - Diodes Incorporated AP7361C Datasheet HTML 20Page - Diodes Incorporated AP7361C Datasheet HTML 21Page - Diodes Incorporated AP7361C Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AP7361C
Document number: DS37274 Rev. 2 - 2
21 of 22
www.diodes.com
September 2015
© Diodes Incorporated
AP7361C
Suggested Pad Layout (Cont.)
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(4)
Package Type: SOT223
(5)
Package Type: SO-8EP
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
Dimensions
Value
(in mm)
C
1.270
X
0.802
X1
3.502
X2
4.612
Y
1.505
Y1
2.613
Y2
6.500
X1
Y1
Y
X
C
C1
Y2
C
Y1
X1
X
Y
Y2
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com