Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN607 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 9Page - Silicon Laboratories AN607 Datasheet HTML 10Page - Silicon Laboratories AN607 Datasheet HTML 11Page - Silicon Laboratories AN607 Datasheet HTML 12Page - Silicon Laboratories AN607 Datasheet HTML 13Page - Silicon Laboratories AN607 Datasheet HTML 14Page - Silicon Laboratories AN607 Datasheet HTML 15Page - Silicon Laboratories AN607 Datasheet HTML 16Page - Silicon Laboratories AN607 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AN607
Rev. 1.7
13
4.6. Relative Humidity Sensor Accuracy
To determine the accuracy of a relative humidity sensor, it is placed in a temperature and humidity controlled
chamber. The temperature is set to a convenient fixed value (typically 25–30 °C) and the relative humidity is swept
from 20 to 80% and back to 20% in the following steps: 20% – 40% – 60% – 80% – 80% – 60% – 40% – 20%. At
each set-point, the chamber is allowed to settle for a period of 30 minutes before a reading is taken from the
sensor. Prior to the sweep, the device is allowed to stabilize to 50%RH. The solid trace in Figure 10, “Measuring
Sensor Accuracy Including Hysteresis,” shows the result of a typical sweep.
Figure 10. Measuring Sensor Accuracy Including Hysteresis
The RH accuracy is defined as the dotted line shown in Figure 10, which is the average of the two data points at
each relative humidity set-point. In this case, the sensor shows an accuracy of 0.25%RH. The Si70xx accuracy
specification includes:
Unit-to-unit and lot-to-lot variation
Accuracy of factory calibration
Margin for shifts that can occur during solder reflow
The accuracy specification does not include:
Hysteresis (typically ±1%)
Effects from long term exposure to very humid conditions
Contamination of the sensor by particulates, chemicals, etc.
Other aging related shifts ("Long-term stability")
Variations due to temperature. RH readings will typically vary with temperature by less than
0.05% C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com