Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN607 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 4 Page - Silicon Laboratories

  AN607 Datasheet HTML 1Page - Silicon Laboratories AN607 Datasheet HTML 2Page - Silicon Laboratories AN607 Datasheet HTML 3Page - Silicon Laboratories AN607 Datasheet HTML 4Page - Silicon Laboratories AN607 Datasheet HTML 5Page - Silicon Laboratories AN607 Datasheet HTML 6Page - Silicon Laboratories AN607 Datasheet HTML 7Page - Silicon Laboratories AN607 Datasheet HTML 8Page - Silicon Laboratories AN607 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
AN607
4
Rev. 1.7
2.1. Humidity Sensor Technology
Figure 6 illustrates the humidity sensor configuration. The dielectric layer is exposed to ambient air through the
package opening. Humidity in the air is exchanged with the dielectric material until equilibrium is reached. The
permittivity of the dielectric material is proportional to the amount of moisture it has absorbed. The capacitance
increases as the ambient air becomes more humid and decreases as the ambient air becomes less humid. If the
Si70xx is used at the dew point and condensation occurs on the sensor, the on-chip heater can be activated to dry
the sensor and restore operation once the sensor is above the dew point.
Figure 6. Humidity Sensor Configuration
2.2. Temperature Sensor
The Si70xx parts have a very accurate (as good as ±0.3 °C over the full –40 to +125 °C temperature range)
temperature sensor integrated into the device. The Si70xx family of devices is designed to consume very little
power and does not artificially heat the temperature sensor unless, of course, the heater is turned on. The thermal
paddle on the bottom of the chip is electrically connected to ground inside the chip. The paddle can be soldered to
a ground plane on the PCB which can in turn be extended beyond the chip or can be left floating. In either case, the
ground pad is the thermal input to the on-chip temperature sensor. Care must be taken to isolate the chip from
thermal sources in the system in which it is included. Refer to the section on PCB layout guidelines for more details
on PCB layout and system design considerations to maximize sensor performance.
Digital Output
Er increases as moisture is absorbed
A/D
Polimide Єr
Moisture
from
Humid Air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com