Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN607 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 17Page - Silicon Laboratories AN607 Datasheet HTML 18Page - Silicon Laboratories AN607 Datasheet HTML 19Page - Silicon Laboratories AN607 Datasheet HTML 20Page - Silicon Laboratories AN607 Datasheet HTML 21Page - Silicon Laboratories AN607 Datasheet HTML 22Page - Silicon Laboratories AN607 Datasheet HTML 23Page - Silicon Laboratories AN607 Datasheet HTML 24Page - Silicon Laboratories AN607 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AN607
Rev. 1.7
21
8. Humidity Control for Thermal Comfort
8.1. General Considerations
Humans are sensitive to humid air, because the human body uses evaporative cooling as the primary mechanism
to regulate temperature. When the relative humidity and dew point are high, the rate of perspiration evaporation
from the skin decreases because the amount of water vapor in the air is already close to saturation. Because
humans perceive the rate of heat transfer from the body, rather than temperature itself, we feel warmer when the
relative humidity is high. Relative humidity is a useful indication of how hot the weather “feels” and is more intuitive
and easier to measure than other quantifications of water vapor in the air. Air conditioners are designed to maintain
between 40–60% relative humidity in the occupied space.
Humans tend to react with discomfort to dew points >61 °F (16 °C). The body perspires and produces sweat to
cool down. High relative humidity and consequently a high dew point prevent the evaporation of sweat and reduce
evaporative cooling. The body may overheat, resulting in discomfort.
Lower dew points, <50 °F (10 °C), generally correlate with lower ambient temperatures requiring the body to be
less dependent on evaporative cooling. A lower dew point can be achieved with a high temperature at extremely
low relative humidity allowing for effective cooling.
Table 1. Human Reaction to Humidity*
Dew Point Temp (°F)
RH at 90°FHuman Perception
> 75
> 62%
Extremely uncomfortable
70 to 74
52% to 60%
Quite uncomfortable
65 to 69
44% to 52%
Somewhat uncomfortable
60 to 64
37% to 46%
Comfortable but humid
55 to 59
31% to 41%
Comfortable
50 to 54
31% to 37%
Very comfortable
< 49
< 30%
A bit dry
*Note: See Lawrence, Mark G., “The Relationship between Relative Humidity and the Dewpoint Temperature in Moist Air—A
Simple Conversion and Applications”, American Meteorological Society February 2005.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com