Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3581-RTR Datasheet(PDF) 52 Page - Silicon Laboratories

Part # EM3581-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3581-RTR Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button EM3581-RTR Datasheet HTML 48Page - Silicon Laboratories EM3581-RTR Datasheet HTML 49Page - Silicon Laboratories EM3581-RTR Datasheet HTML 50Page - Silicon Laboratories EM3581-RTR Datasheet HTML 51Page - Silicon Laboratories EM3581-RTR Datasheet HTML 52Page - Silicon Laboratories EM3581-RTR Datasheet HTML 53Page - Silicon Laboratories EM3581-RTR Datasheet HTML 54Page - Silicon Laboratories EM3581-RTR Datasheet HTML 55Page - Silicon Laboratories EM3581-RTR Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
EM358x
52
Rev 1.0
6.1.1. QFN48 Footprint Recommendations
Figure 6.3 demonstrates the IPC-7351 recommended PCB Footprint for the EM358x (QFN50P700X700X90-49N).
A ground pad in the bottom center of the package forms a 49th pin.
A 3 x 3 array of non-thermal vias should connect the EM358x decal center shown in Figure 6.3 to the PCB ground
plane through the ground pad. In order to properly solder the EM358x to the footprint, the Paste Mask layer should
have a 3 x 3 array of circular openings at 1.015 mm diameter spaced approximately 1.625 mm (center to center)
apart, as shown in Figure 6.4. This will cause an evenly distributed solder flow and coplanar attachment to the
PCB. The solder mask layer (illustrated in Figure 6.5) should be the same as the copper layer for the EM358x
footprint.
For more information on the package footprint, please refer to the appropriate
EM358x Reference Design.
Figure 6.3. PCB Footprint for the EM358x
Figure 6.4. Paste Mask
X2
Y2
C1
E
X1
Y1
C2
MIN
MAX
TYP
X1
X2
Y1
Y2
C1
C2
E
6.85
6.85
0.30
5.35
0.90
5.35
0.50
* Dimensions in mm
* Dimensions are for
Figures 19-2, 19-3
and 19-4
a1
b1
Via Drill DIA = 0.254mm
a0
b0
b0
b1
a0
a1
1.80
1.625
1.80
1.625
a2
a2
0.75
b2
0.75
b2
a1
C1
E
X1
Y1
C2
b1
b0
a0
DIA = 1.01mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com