Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3581-RTR Datasheet(PDF) 56 Page - Silicon Laboratories

Part # EM3581-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3581-RTR Datasheet(HTML) 56 Page - Silicon Laboratories

Back Button EM3581-RTR Datasheet HTML 51Page - Silicon Laboratories EM3581-RTR Datasheet HTML 52Page - Silicon Laboratories EM3581-RTR Datasheet HTML 53Page - Silicon Laboratories EM3581-RTR Datasheet HTML 54Page - Silicon Laboratories EM3581-RTR Datasheet HTML 55Page - Silicon Laboratories EM3581-RTR Datasheet HTML 56Page - Silicon Laboratories EM3581-RTR Datasheet HTML 57Page - Silicon Laboratories EM3581-RTR Datasheet HTML 58Page - Silicon Laboratories EM3581-RTR Datasheet HTML 59Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
EM358x
56
Rev 1.0
Table 6.4 contains the temperature profile parameters.
6.2. Part Marking
Figure 6.7 shows the part marking for the EM358x Series. The circle in the top corner indicates Pin 1. Pins are
numbered counter-clockwise from Pin 1 with 12 pins per package edge.
Figure 6.7. Part Marking for EM358x
Table 6.4. Solder Reflow Parameters
Parameter
Value
Average Ramp Up Rate (from Tsoakmax to Tpeak)
3°C per second max
Minimum Soak Temperature (Tsoakmin)
150°C
Maximum Soak Temperature (Tsoakmax)
200°C
TL
217°C
Time above TL
60 – 150 seconds
Tpeak
260 + 0°C
Time within 5°C of Tpeak
20 – 40 seconds
Ramp Down Rate
6°C per second max
Time from 25°C to Tpeak
8 minutes, max
Table 6.5. 48-Pin QFN Top Marking Explanation
Mark Method:
Laser
Pin 1 Marking:
Circle = 0.40 mm Diameter
(Top-Left Justified)
Line 1 Marking:
Device Part Number
Right Justified
EM358x
EM358x is the Orderable Part Number variant
(EM3581/2/5/6/7/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com