Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3581-RTR Datasheet(PDF) 43 Page - Silicon Laboratories

Part # EM3581-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3581-RTR Datasheet(HTML) 43 Page - Silicon Laboratories

Back Button EM3581-RTR Datasheet HTML 39Page - Silicon Laboratories EM3581-RTR Datasheet HTML 40Page - Silicon Laboratories EM3581-RTR Datasheet HTML 41Page - Silicon Laboratories EM3581-RTR Datasheet HTML 42Page - Silicon Laboratories EM3581-RTR Datasheet HTML 43Page - Silicon Laboratories EM3581-RTR Datasheet HTML 44Page - Silicon Laboratories EM3581-RTR Datasheet HTML 45Page - Silicon Laboratories EM3581-RTR Datasheet HTML 46Page - Silicon Laboratories EM3581-RTR Datasheet HTML 47Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
EM358x
Rev 1.0
43
26
PA4
I/O
Digital I/O
ADC4
Analog
ADC Input 4
Select analog function with GPIO_PACFGH[3:0]
PTI_EN
O
Frame signal of Packet Trace Interface (PTI)
Disable trace interface in ARM core
Enable PTI in Ember software
Select alternate output function with GPIO_PACFGH[3:0]
TRACEDATA2
(see also Pin 36)
O
Synchronous CPU trace data bit 2
Select 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PACFGH[3:0]
27
PA5
I/O
Digital I/O
ADC5
Analog
ADC Input 5
Select analog function with GPIO_PACFGH[7:4]
PTI_DATA
O
Data signal of Packet Trace Interface (PTI)
Disable trace interface in ARM core
Enable PTI in Ember software
Select alternate output function with GPIO_PACFGH[7:4]
nBOOTMODE
I
Activate FIB monitor instead of main program or bootloader when coming
out of reset.
Signal is active during and immediately after a reset on nRESET. Refer to
section 7.5, Boot Configuration, in Chapter 7, GPIO, of the
Ember EM358x
Reference Manual for details.
TRACEDATA3
(see also Pin 38)
O
Synchronous CPU trace data bit 3
Select 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PACFGH[7:4]
28
VDD_PADS
Power
Pads supply (2.1–3.6 V)
29
PA6
I/O
High cur-
rent
Digital I/O
TIM1C3
O
Timer 1 channel 3 output
Enable timer output in TIM1_CCER
Select alternate output function with GPIO_PACFGH[11:8]
TIM1C3
I
Timer 1 channel 3 input
Cannot be remapped
Table 6.1. EM358x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description
Note:
1. IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com