Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8124 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM8124
Description  HIGH POWER AUDIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8124 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM8124 Datasheet HTML 4Page - Diodes Incorporated PAM8124 Datasheet HTML 5Page - Diodes Incorporated PAM8124 Datasheet HTML 6Page - Diodes Incorporated PAM8124 Datasheet HTML 7Page - Diodes Incorporated PAM8124 Datasheet HTML 8Page - Diodes Incorporated PAM8124 Datasheet HTML 9Page - Diodes Incorporated PAM8124 Datasheet HTML 10Page - Diodes Incorporated PAM8124 Datasheet HTML 11Page - Diodes Incorporated PAM8124 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PAM8124
Document number: DS36627 Rev. 1 - 2
8 of 15
www.diodes.com
October 2013
© Diodes Incorporated
PAM8124
A Product Line of
Diodes Incorporated
Application Information (cont.)
Input Resistance
Changing the gain setting can vary the input resistance of the amplifier from its smallest value (6.67kΩ ±20%) to the largest value (40kΩ ±20%).
As a result, if a single capacitor is used in the input high-pass filter, the –3dB cutoff frequency may change when changing gain steps.
The –3dB frequency can be calculated using the following Equation. Use the Ri values given in Table 1.
()
C
1
f
2RiCi
π
=
Single-Ended Output Capacitor
In single-ended (SE) applications, the dc blocking capacitor forms a high-pass filter with the speaker impedance. The frequency response rolls off
with decreasing frequency at a rate of 20dB/decade. The cutoff frequency is determined by:
SE
L
coh
C
R
f
π
2
1
=
Table 2 shows some common component values and the associated cutoff frequencies:
Table 2: Common Filter Responses
RL-Speaker Impedance (Ω)
CSE-DC Blocking Capacitor (µF)
fc = 60Hz (-3dB)
fc = 40Hz (-3dB)
fc = 20Hz (-3dB)
4
680
1000
2200
6
470
680
1500
8
330
470
1000
Output Filter and Frequency Response
For the best frequency response, a flat pass band output filter (second-order Butterworth) may be used. The output filter components consist of
the series inductor and capacitor to ground at the LOUT and ROUT pins. There are several possible configurations, depending on the speaker
impedance and whether the output configuration is single-ended (SE) or bridge-tied load (BTL). Table 3 lists the recommended values for the filter
components. It is important to use a high-quality capacitor in this application. A rating of at least X7R is required.
Table 3: Recommended Filter Output Components
Output Configuration
Speaker Impedance(Ω)
Filter Inductor(µH)
Filter Capacitor(nF)
Single Ended (SE)
4
22
680
8
33
220
Bridge Tied Load (BTL)
8
22
680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com