Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8124 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM8124
Description  HIGH POWER AUDIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8124 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM8124 Datasheet HTML 7Page - Diodes Incorporated PAM8124 Datasheet HTML 8Page - Diodes Incorporated PAM8124 Datasheet HTML 9Page - Diodes Incorporated PAM8124 Datasheet HTML 10Page - Diodes Incorporated PAM8124 Datasheet HTML 11Page - Diodes Incorporated PAM8124 Datasheet HTML 12Page - Diodes Incorporated PAM8124 Datasheet HTML 13Page - Diodes Incorporated PAM8124 Datasheet HTML 14Page - Diodes Incorporated PAM8124 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PAM8124
Document number: DS36627 Rev. 1 - 2
12 of 15
www.diodes.com
October 2013
© Diodes Incorporated
PAM8124
A Product Line of
Diodes Incorporated
Application Information (cont.)
Typical Applications Circuits (cont.)
PVCCL
1
SDN
2
PVCCL
3
MUTE
4
LIN
5
RIN
6
VCM
7
AGND
8
AGND
9
PVCCR
10
VCLAMP
11
PVCCR
12
PGNDR
13
PGNDR
14
ROUT
15
BSR
16
GAIN1
17
GAIN0
18
SE_BTL
19
AVCC
20
BSL
21
LOUT
22
PGNDL
23
PGNDL
24
U1
C10
10uF
C7
0.1uF
C12
10uF
C9
0.1uF
C14
470uF
C13
470uF
SD
R1
Mute
R2
C1
1uF
C2
1uF
C4
1uF
C3
1uF
C15
680nF
L1
22uH
G0
C5
1uF
C8
0.1uF
G1
C11
10uF
VCC
VCC
VCC
R3
4.7K
8ohm
C16
680nF
L2
22uH
C6
1uF
R4
4.7K
IN+
IN-
Schematic for Bridge-Tied-Load (BTL) Configuration with Differential Input (8Ω Speaker)
PVCCL
1
SDN
2
PVCCL
3
MUTE
4
LIN
5
RIN
6
VCM
7
AGND
8
AGND
9
PVCCR
10
VCLAMP
11
PVCCR
12
PGNDR
13
PGNDR
14
ROUT
15
BSR
16
GAIN1
17
GAIN0
18
SE_BTL
19
AVCC
20
BSL
21
LOUT
22
PGNDL
23
PGNDL
24
U1
C10
10uF
C7
0.1uF
C12
10uF
C9
0.1uF
C14
470uF
C13
470uF
SD
R1
Mute
C1
1uF
C4
1uF
C3
1uF
C15
680nF
L1
22uH
G0
C5
1uF
C8
0.1uF
G1
C11
10uF
VCC
VCC
VCC
R3
4.7K
8ohm
C16
680nF
L2
22uH
C6
1uF
R4
4.7K
IN
Schematic for Bridge-Tied-Load (BTL) Configuration with Single-Ended Input (8Ω Speaker)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com