Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8124 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8124
Description  HIGH POWER AUDIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8124 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8124 Datasheet HTML 1Page - Diodes Incorporated PAM8124 Datasheet HTML 2Page - Diodes Incorporated PAM8124 Datasheet HTML 3Page - Diodes Incorporated PAM8124 Datasheet HTML 4Page - Diodes Incorporated PAM8124 Datasheet HTML 5Page - Diodes Incorporated PAM8124 Datasheet HTML 6Page - Diodes Incorporated PAM8124 Datasheet HTML 7Page - Diodes Incorporated PAM8124 Datasheet HTML 8Page - Diodes Incorporated PAM8124 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PAM8124
Document number: DS36627 Rev. 1 - 2
2 of 15
www.diodes.com
October 2013
© Diodes Incorporated
PAM8124
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin
Name
I/O/P
Function
1, 3
PVCCL
P
Power supply for left channel H-bridge, not connected to PVCCR or AVCC
2
SDN
I
Shutdown signal for IC (low = shutdown, high = operational). TTL logic levels with compliance to AVCC
4
MUTE
I
A logic high on this pin disables the outputs. A low on this pin enables the outputs. TTL logic levels with
compliance to AVCC
5
LIN
I
Audio input for left channel
6
RIN
I
Audio input for right channel
7
VCM
O
Reference for analog cells
8, 9
AGND
P
Analog ground for digital/analog cells in core
10, 12
PVCCR
P
Power supply for right channel H-bridge, not connected to PVCCL or AVCC
11
VCLAMP
P
Internally generated voltage supply for bootstrap. Not to be used as a supply or connected to any
component other than the decoupling capacitor.
13, 14
PGNDR
P
Power ground for right channel H-bridge
15
ROUT
O
Class-D H-bridge output for right channel
16
BSR
I/O
Bootstrap I /O for right channel H-bridge
17
GAIN1
I
Gain select most-significant bit. TTL logic levels with compliance to AVCC
18
GAIN0
I
Gain select least-significant bit. TTL logic levels with compliance to AVCC
19
SE_BTL
I
A logic low on this pin enables one single-ended input in BTL configuration. A logic high on this pin
enables two inputs in SE/BTL configuration. TTL logic levels with compliance to AVCC
20
AVCC
P
High-voltage analog power supply
21
BSL
I/O
Bootstrap I /O for left channel H-bridge
22
LOUT
O
Class-D H-bridge output for left channel
23, 24
PGNDL
P
Power ground for left channel H-bridge
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com